Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3012 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS3012
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS3012 Datasheet HTML 9Page - Cirrus Logic CS3012 Datasheet HTML 10Page - Cirrus Logic CS3012 Datasheet HTML 11Page - Cirrus Logic CS3012 Datasheet HTML 12Page - Cirrus Logic CS3012 Datasheet HTML 13Page - Cirrus Logic CS3012 Datasheet HTML 14Page - Cirrus Logic CS3012 Datasheet HTML 15Page - Cirrus Logic CS3012 Datasheet HTML 16Page - Cirrus Logic CS3012 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CS3011
CS3012
DS597F6
13
3.2.2
Gain Calculations Summary and
Recommendations
Condition #1: |Av| ≤ 50 and R1 ≤ 100 Ω
The Opamp is inherently stable for |Av| ≤ 50 and
R1 ≤ 100 Ω . No C2 co mpensation cap acitor
across R2 is required.
• |Av| = 1 config uration ha s 7 0° pha se margin
and 20 dB gain margin.
• |Av| = 50 configuration ha s phase margin be-
tween 40° for C LOAD ≤ 100 pF and 60 ° for
CLOAD = 0pF.
Condition #2: |Av| ≤ 50 and R1 > 100 Ω
Compensation capacitor C2 across R2 is required.
Calculate C2 using the following formula:
•C2 ≥ (R1 • Cin) / R2, where Cin = 50 pF
Condition #3: |Av| > 50
Compensation capacitor C2 across R2 is required.
Calculate and verify a value for C2 using the fol-
lowing steps.
Calculate the Compensation Capacitor Value:
1) Calculate a value for C2 using the following for-
mula:
C2 = 1 / [2π (R1||R2) • P1], where P1 = 1 MHz
To simplify the calculation, set the pole of the filter
to P1 = 1 MHz. P1 must be set h igher than the
opamp’s internal 50 kHz crossover frequency.
2) Calculate a second value for C2 using the fol-
lowing formula:
C2 ≥ (R1 • Cin) / R2, where Cin = 50 pF
3) Use the la rger of t he two va lues calculated in
steps 1 & 2.
Verify the Opamp Compensation:
Verify the opamp co mpensation using the ope n-
loop gain and pha se resp onse Bode plot in
Figure 14. Plot the calculated clo sed loop gain
transfer function andverify the followingdesign cri-
teria are met:
• Pole P1 > opamp in ternal 50 kHz c rossover fre-
quency
-P1 = 1/ [2π (R1||R2) • C2], where P1 = 1 MHz
- To sim plify the ca lculation, set t he p ole t o
P1 = 1 MHz.
• Z1 < opamp internal 50 kHz crossover frequency
- Z1=1/(2π R2 • C2)
• Gain margin above the open-loop gain transfer
function is re quired. A g ain margin of +20 dB
above the open loop g ain transfer function is
optimal.
3.3
Powerdown (PDWN)
The CS3011 single amplifier provides a power-
down function on pin 1. If this pin is left ope n the
amplifier will operate normally. If the powerdown is
asserted low, the amplifier enters a powered down
state. Th ere is a pu ll-up resistor (approximately
800 k ohm) inside the amplifier from pin 1 to the V+
supply. The current through this pull-up resistor is
the main source of current drain in the powerdown
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com