Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3012 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS3012
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS3012 Datasheet HTML 10Page - Cirrus Logic CS3012 Datasheet HTML 11Page - Cirrus Logic CS3012 Datasheet HTML 12Page - Cirrus Logic CS3012 Datasheet HTML 13Page - Cirrus Logic CS3012 Datasheet HTML 14Page - Cirrus Logic CS3012 Datasheet HTML 15Page - Cirrus Logic CS3012 Datasheet HTML 16Page - Cirrus Logic CS3012 Datasheet HTML 17Page - Cirrus Logic CS3012 Datasheet HTML 18Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
CS3011
CS3012
14
DS597F6
3.4
Applications
The CS3011 and CS3012 amplifiers are optimum
for applications that require high gain and low drift.
Figure 18 illustrates a thermopile amp lifier with a
gain of 650 V/V. The thermopile outputs only a few
millivolts when subjected to infrared radiation. The
amplifier is compensated and bandlimited by C1 in
combination with R2.
Figure 19 on page 14 illustrates a load cell bridg e
amplifier with again of 768 V/V. The load cell is ex-
cited with +5 V andhas a 1 mV/V sensitivity. Its full
scale output signal is am plified to produce a f ully
differential ± 3.8 V into the CS5510/12 A/D convert-
er. This circuit operates from +5 V.
CS3011
R1
100
R2
64.9k
C1
0.015μF
Dexter Research
Thermopile ST60
Figure 18. Thermopile Amplifier with a Gain of 650 V/V
+5 V
VA
1 m V /V
-
+
350 Ω
+
-
-
+
x76 8
140 kΩ
365 Ω
140 kΩ
100 Ω
100 Ω
0.2 2 μ F
0.2 2 μ F
0.0 47 μ F
0.1 μ F
VR EF
AIN +
AIN 1
V-
V+
CS
SD O
SCL K
C S 551 0/1 2
μ
+5 V
+5 V
C oun ter/T im er
S C L K = 1 0 k H z to 1 0 0
(3 2 .7 6 8
)
S C L K = 10 kH z t o 10 0 kH z
( 3 2. 768 n o m i n a l
)
Figure 19. Load Cell Bridge Amplifier and A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com