Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5511 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5511
Description  16-bit and 20-bit, 8-pin ?誇 ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5511 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5511 Datasheet HTML 1Page - Cirrus Logic CS5511 Datasheet HTML 2Page - Cirrus Logic CS5511 Datasheet HTML 3Page - Cirrus Logic CS5511 Datasheet HTML 4Page - Cirrus Logic CS5511 Datasheet HTML 5Page - Cirrus Logic CS5511 Datasheet HTML 6Page - Cirrus Logic CS5511 Datasheet HTML 7Page - Cirrus Logic CS5511 Datasheet HTML 8Page - Cirrus Logic CS5511 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
CS5510/11/12/13
16-bit and 20-bit, 8-pin
ΔΣ ADCs
Features
Delta-sigma Analog-to-digital Converter
– Linearity Error: 0.0015% FS
– Noise-free Resolution: Up to 17 Bits
Differential Bipolar Analog Inputs
VREF Input Range from 250 mV to 5 V
50/60 Hz Simultaneous Rejection
(CS5510/12)
16 to 326 Sps Output Word Rate
On-chip Oscillator (CS5511/13)
Power Supply Configurations:
– V+ = 5 V, V- = 0 V
– Multiple Dual-supply Arrangements
Low Power Consumption
– Normal Mode, 2.5 mW
– Sleep Mode, 10
μW
Low-cost, Compact, 8-pin Package
Lead-free Device Package Options
General Description
The CS5510/11/12/13 are low-cost, easy-to-use,
ΔΣ an-
alog-to-digital converters (ADCs) which use charge-
balance techniques to achieve 16-bit (CS5510/11) and
20-bit (CS5512/13) performance. The ADCs are avail-
able in a space-efficient, 8-pin SOIC package and are
optimized for measuring signals in weigh scale, process
control, and other industrial applications.
To accommodate these applications, the ADCs include
a fourth-order
ΔΣ modulator and a digital filter. When
configured with an external master clock of 32.768 kHz,
the filter in the CS5510/12 provides better than 80 dB of
simultaneous 50 and 60 Hz line rejection, and outputs
conversion words at 53.5 Sps. The CS5511/13 include
an on-chip oscillator which eliminates the need for an ex-
ternal clock source.
Low-power, flexible supply configurations, compact pi-
nout, and ease of use make these products ideal
solutions for cost-conscience and space-constrained
applications.
ORDERING INFORMATION
See page 23.
V+
AIN+
AIN-
VREF
Clock
Gen.
1X
~0.8X
Differential
4th-order
Delta-sigma
Modulator
Digital Filter
Control
Output
SCLK
SDO
Logic
Oscillator
(CS5511/13 only)
V-
(CS5510/12 only)
CS
JUL ‘09
DS337F4


Similar Part No. - CS5511

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5511-AS CIRRUS-CS5511-AS Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
CS5511-ASZ CIRRUS-CS5511-ASZ Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
More results

Similar Description - CS5511

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Linear Technology
LTC2495 LINER-LTC2495 Datasheet
565Kb / 32P
16-Bit 8-/16-Channel ?誇 ADC with PGA, Easy Drive and I2C Interface
LTC1863 LINER-LTC1863 Datasheet
315Kb / 16P
12-/16-Bit, 8-Channel 200ksps ADCs
LTC2460 LINER-LTC2460 Datasheet
239Kb / 20P
Ultra-Tiny, 16-Bit ?誇 ADCs with 10ppm/째C Max Precision Reference
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1863 LINER-LTC1863_15 Datasheet
466Kb / 18P
12-/16-Bit, 8-Channel 200ksps ADCs
LTC1867 LINER-LTC1867_15 Datasheet
466Kb / 18P
12-/16-Bit, 8-Channel 200ksps ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com