Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5511 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5511
Description  16-bit and 20-bit, 8-pin ?誇 ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5511 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5511 Datasheet HTML 17Page - Cirrus Logic CS5511 Datasheet HTML 18Page - Cirrus Logic CS5511 Datasheet HTML 19Page - Cirrus Logic CS5511 Datasheet HTML 20Page - Cirrus Logic CS5511 Datasheet HTML 21Page - Cirrus Logic CS5511 Datasheet HTML 22Page - Cirrus Logic CS5511 Datasheet HTML 23Page - Cirrus Logic CS5511 Datasheet HTML 24Page - Cirrus Logic CS5511 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
CS5510/11/12/13
DS337F4
21
3. PIN DESCRIPTIONS
Control Pins and Serial Data I/O
CS - Chip Select, Pin 4
CS is a dual function pin, which determines the state of SDO, as well as the digital logic-low output
level. When CS is low, SDO will be active. When high, the SDO pin will output a high-impedance state.
The logic-low level of SDO will match the active-low voltage on CS.
SDO - Serial Data Output, Pin 8
SDO is the serial data output. It will output a high-impedance state if CS = 1. The logic-low level of SDO
will match the active-low voltage on CS.
SCLK - Serial Clock Input, Pin 5
SCLK is the serial bit-clock which controls the shifting of data from the ADCs. This input goes through a
Schmitt trigger to allow for slow rise and fall time signals. If held high, the device will enter sleep mode.
In the CS5510/12, this input is also used as a master clock source which determines conversion speeds
and throughput. In the CS5511/13, SCLK is only used to read the conversion data and put the part in
sleep mode.
Measurement and Reference Inputs
AIN+, AIN- - Differential Analog Input, Pins 2, 3
Differential input pins into the device
VREF - Voltage Reference Input, Pin 1
Input Voltage which establishes the voltage reference, with respect to V-, for the on-chip modulator
Power Supply Connections
V+ - Positive Power, Pin 6
Positive supply voltage
V- - Negative Supply, Pin 7
Negative supply voltage
VREF
AIN+
AIN-
CS
SDO
V-
V+
SCLK
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com