Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 46Page - Cirrus Logic CS8422 Datasheet HTML 47Page - Cirrus Logic CS8422 Datasheet HTML 48Page - Cirrus Logic CS8422 Datasheet HTML 49Page - Cirrus Logic CS8422 Datasheet HTML 50Page - Cirrus Logic CS8422 Datasheet HTML 51Page - Cirrus Logic CS8422 Datasheet HTML 52Page - Cirrus Logic CS8422 Datasheet HTML 53Page - Cirrus Logic CS8422 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
50
DS692PP2
CS8422
11.5
GPO Control 1 (05h)
GPOxSEL[3:0] – GPO Source select for GPO0 and GPO1 pins. See Table 7 for available outputs for
GPO[3:0].
11.6
GPO Control 2 (06h)
GPOxSEL[3:0] – GPO Source select for GPO2 and GPO3 pins. See Table 7 for available outputs for
GPO[3:0].
11.7
Serial Audio Input Clock Control (07h)
SAI_CLK[3:0] – Selects the serial audio input master clock-to-ILRCK ratio when the serial audio input port
is set to master mode (SIMS = 1 as shown in “Serial Audio Input Data Format (0Bh)” on page 53). Note: if
a serial audio output is sourced directly by the serial audio input port, SAI_CLK[3:0] determine the
MCLK/LRCK ratio for both serial ports if they are set to master mode.
0000 - ILRCK = MCLK/64
7
6
5
4
3210
GPO0SEL3
GPO0SEL2
GPO0SEL1
GPO0SEL0
GPO1SEL3
GPO1SEL2
GPO1SEL1
GPO1SEL0
0
0
0
00000
7
6
5
4
3210
GPO2SEL3
GPO2SEL2
GPO2SEL1
GPO2SEL0
GPO3SEL3
GPO3SEL2
GPO3SEL1
GPO3SEL0
0
0
0
00000
Function
Code
Definition
GND
0000
Fixed low level
VL
0001
Fixed VL level.
EMPH
0010
State of EMPH bit in the incoming data stream
INT
0011
CS8422 interrupt output
C
0100
Channel status bit
U
0101
User data bit
RERR
0110
Receiver Error
NVERR
0111
Non-Validity Receiver Error
RCBL
1000
Receiver Channel Status Block
96KHZ
1001
Defined in “PLL Status (15h)” on page 60.
192KHZ
1010
Defined in “PLL Status (15h)” on page 60.
AUDIO
1011
Non-audio indicator for decoded input stream
VLRCK
1100
Virtual LRCK, can be used to frame the C and U output data.
TX
1101
Pass through of AES/SPDIF input selected by TXSEL[2:0] in Section 11.3
“Receiver Input Control (03h)” on page 48.
SRC_UNLOCK
1110
SRC unlock indicator
XTI_OUT
1111
Buffered XTI-XTO output
Table 7. GPO Pin Configurations
7
6
543210
SAI_CLK3
SAI_CLK2
SAI_CLK1
SAI_CLK0
SAI_MCLK
Reserved
Reserved
Reserved
0
1
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com