Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 20Page - Cirrus Logic CS8422 Datasheet HTML 21Page - Cirrus Logic CS8422 Datasheet HTML 22Page - Cirrus Logic CS8422 Datasheet HTML 23Page - Cirrus Logic CS8422 Datasheet HTML 24Page - Cirrus Logic CS8422 Datasheet HTML 25Page - Cirrus Logic CS8422 Datasheet HTML 26Page - Cirrus Logic CS8422 Datasheet HTML 27Page - Cirrus Logic CS8422 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
24
DS692PP2
CS8422
4. OVERVIEW
The CS8422 is a 24-bit, high performance, monolithic CMOS stereo asynchronous sample rate converter with inte-
grated digital audio interface receiver that decodes audio data according to EIAJ CP1201, IEC-60958, AES3, and
S/PDIF interface standards.
Audio data is input through either a 3-wire serial audio port or the AES3-compatible digital interface receiver. Audio
data is output through one of two 3-wire serial audio output ports. The serial audio ports are capable of 24-, 20-, 18-
, or 16-bit word lengths. Data in to the digital interface receiver can be up to 24-bit. Input and output data can be
completely asynchronous, synchronous to an external data clock through XTI, or synchronous to the master clock
recovered from the incoming S/PDIF or AES3 data.
CS8422 can be controlled either in Software Mode or in a stand-alone Hardware Mode. In Software Mode, the user
can control the device through either a SPI or I²C control port.
Target applications include digital recording systems (DVD-R/RW, CD-R/RW, PVR, DAT, MD, and VTR), digital mix-
ing consoles, high quality D/A, effects processors, computer audio systems, and automotive audio systems.
Figure 7 and Figure 8 show typical connections to the CS8422.
5. THREE-WIRE SERIAL INPUT/OUTPUT AUDIO PORT
The CS8422 provides two independent 3-wire serial audio output ports, and a 3-wire serial audio input (only avail-
able in Software Mode). The interface format should be chosen to suit the attached device either through the control
port in Software Mode, or through the MS_SEL and SAOF pins in Hardware Mode. The following parameters are
adjustable:
Hardware Mode
•
Master or slave mode operation
•
Master-mode MCLK-to-OLRCK (OLRCK1 and OLRCK2) ratios: 128, 256, and 512
•
Audio data resolution of 16, 20, or 24 bits
•
Left-justified, I²S, or Right-justified serial data formats
•
Multi-channel TDM serial audio format (Serial Audio Output 1 only)
Software Mode
•
Master or slave mode operation
•
Master-mode MCLK-to-ILRCK and MCLK-to-OLRCK (OLRCK1 and OLRCK2) ratios: 64, 128, 192, 256,
384, 512, 768, and 1024
•
Audio data resolution of 16, 18, 20, or 24 bits
•
Left-justified, I²S, or Right-justified serial data formats
•
Multi-channel TDM serial audio format
•
AES3 Direct Output format
Figures 9, 10, 11, and 12 show the standard input/output formats available. The TDM serial audio format is de-
scribed in Section 5.1.5 on page 27. For more information about serial audio formats, refer to the Cirrus Logic ap-
plications note AN282, “The 2-Channel Serial Audio Interface: A Tutorial”, available at www.cirrus.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com