Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61535A Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 Line Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS61535A Datasheet HTML 9Page - Cirrus Logic CS61535A Datasheet HTML 10Page - Cirrus Logic CS61535A Datasheet HTML 11Page - Cirrus Logic CS61535A Datasheet HTML 12Page - Cirrus Logic CS61535A Datasheet HTML 13Page - Cirrus Logic CS61535A Datasheet HTML 14Page - Cirrus Logic CS61535A Datasheet HTML 15Page - Cirrus Logic CS61535A Datasheet HTML 16Page - Cirrus Logic CS61535A Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
:KHQ DQ \W UDQVPLW FRQWURO SLQ 7$26 / (1
RU/ /223 LV WRJJOHGWK HWUDQ VPLWWHUV WDELOL]HV
ZLWKLQ  ELW SHUL RGV 7K HWUD QVPLWWHUZLOO WDN H
ORQJHUWR VW DELOL]HZKH Q5/ 223 L V V HOHFWHGE H
FDXVHWKHWLPLQJFLUFXLWU\ PXVW DGMXVWWR WKH QHZ
IUHTXHQF\
Jitter Attenuator
7KHMLWWHUDWWHQXDWRU LV GHVLJQHGWRUHGXFHZDQGHU
DQGMLWWHULQWKHWUDQVPLWFORFNVLJQDO ,WF RQVLVWV
RI DELW ),)2 DFU\VWDO RVFLOODWRU D VHWRIORDG
FDSDFLWRUV IRUW KHF U\VWDOD QGF RQWUROO RJLF 7KH
MLWWHU DWWHQXDWRUH[ FHHGV WKHMLW WHUDWW HQXDWLRQUH
TXLUHPHQWV RI3XEOLFDWLRQV DQG5( &
*$ W\SLFDOMLWWHUDWWHQXDWLRQFXUYH LV VKRZQ
LQ )LJXUH 
7KHMLWWHUDWWHQXDWRU ZRUNV LQWKH IROORZLQJPDQ
QHU ' DWD R Q 732 6D QG 7 1(* RU 7' $7$ DUH
ZULWWHQ LQWR WKH MLWWHUDWWHQXDWRU¶V ),)2 E\ 7&/.
7KH UDWH DW ZKLFK GDWDLV UHDG RXWRIWKH),)2DQG
WUDQVPLWWHG LV GHWHUPLQHG E\ WKH RVFLOODWRU /RJLF
FLUFXLWV DGMXVW WKH FDSDFLWLYH ORDGLQJRQWKH FU\V
WDO WR VHW LWV RVFLOODWLRQ IUHTXHQF\ WR WKH DYHUDJH
RI WKH 7&/.IUHTXHQF\ 6LJQDOMLWWHULV DEVRUEHG
LQ WKH ),)2
Jitter Tolerance of Jitter Attenuator
7KH ),)2LQW KHM LWWHUDWW HQXDWRU LV GH VLJQHGWR
QHLWKHUR YHUIORZQR UXQG HUIORZ ,IWKH MLW WHUD P
SOLWXGH EHF RPHV Y HU\OD UJHW KHU HDGDQ GZULWH
SRLQWHUV PD\ JHWYHU\ FORVH WRJHWKHU 6KRXOGWKH
SRLQWHUV D WWHPSWW RF URVV W KH RVFLOODWRU¶V G LYLGH
E\IRXUFLUFXLW DGMXVWV E\SHUIRUPLQJDGL YLGHE\
 RUGL YLGHE\ WRSUH YHQW WKHRYHUIORZ
RU X QGHUIORZ: KHQ DG LYLGHE \   RU  
RFFXUV WK HGDW DELW ZLOOEH GULYHQRQWR WKHOL QH
HLWKHUD QH LJKWK ELW SH ULRG HD UO\R UDQH LJKWKE LW
SHULRG ODWH
:KHQ WKH 7&/.IUHTXHQF\ LV FORVHWRWKH FHQWHU
IUHTXHQF\ R IW KH FU\VWDO RVFLOODWRU WK HK LJK IUH
TXHQF\MLWWHUWROHUDQFH LV 8,E HIRUH WKH GLYLGH
E\   R U  F LUFXLWU\ LV D FWLYDWHG $V W KH
FHQWHUIUHTXHQF\RI WKH RVFLOODWRU DQG WKH7& /.
IUHTXHQF\ GHYLDWHIURPRQHDQRWKHU WKH MLWWHUWRO
HUDQFHLV UHGXFHG$V WKLV I UHTXHQF\GHYLDWLRQ
EHFRPHV OD UJH W KHP D[LPXP M LWWHUWR OHUDQFH DW
KLJK IUHTX HQFLHV LV UHG XFHGWR 8,E HIRUH WKH
XQGHUIORZRYHUIORZFL UFXLWU\LV DFWLYDWHG ,QDS
SOLFDWLRQ L WL V X QOLNHO\WK DWW KHR VFLOODWRUFHQ WHU
IUHTXHQF\ZLOO EHS UHFLVHO\D OLJQHG ZL WKW KH
Frequency in Hz
0
10
20
30
40
50
60
1
10
100
1 k
10 k
b) Maximum
Attenuation
Limit
AT&T 62411
Requirements
a) Minimum Attenuation Limit
Measured Performance
Figure 10. Typical Jitter Attenuation Curve
269 ns
244 ns
194 ns
219 ns
488 ns
Nominal Pulse
0
10
50
80
90
100
110
120
-10
-20
Percent of
nominal
peak
voltage
Figure 9 . Mask of the Pulse at the 2048 kbps Interface
CS61535A
DS40F3
13
-XO¶
&21),'(17,$/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com