Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61535A Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 Line Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 3 Page - Cirrus Logic

  CS61535A Datasheet HTML 1Page - Cirrus Logic CS61535A Datasheet HTML 2Page - Cirrus Logic CS61535A Datasheet HTML 3Page - Cirrus Logic CS61535A Datasheet HTML 4Page - Cirrus Logic CS61535A Datasheet HTML 5Page - Cirrus Logic CS61535A Datasheet HTML 6Page - Cirrus Logic CS61535A Datasheet HTML 7Page - Cirrus Logic CS61535A Datasheet HTML 8Page - Cirrus Logic CS61535A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
DIGITAL CHARACTERISTICS (TA = -40°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
Pins 1-4, 17, 18, 23-28
(Notes 7, 8, 9)
VIH
2.0
-
-
V
Low-Level Input Voltage
Pins 1-4, 17, 18, 23-28
(Notes 7, 8, 9)
VIL
--
0.8
V
High-Level Output Voltage
(IOUT = -40 μA)
Pins 6-8, 11, 12, 25
(Notes 7, 8, 10)
VOH
4.0
-
-
V
Low-Level Output Voltage
(IOUT = 1.6 mA)
Pins 6-8, 11, 12, 23, 25
(Notes 7, 8, 10)
VOL
--
0.4
V
Input Leakage Current (Except Pin 5)
-
-
±10
μA
Low-Level Input Voltage, Pin 5
VIL
--
0.2
V
High-Level Input Voltage, Pin 5
VIH
(RV+) - 0.2
-
-
V
Mid-Level Input Voltage, Pin 5
(Note 11)
VIM
2.3
-
2.7
V
Notes:
7. This specification guarantees TTL compatibility (VOH = 2.4V @ IOUT = -40
μA).
8. In Host Mode, pin 23 is an open drain output and pin 25 is a tristate output.
9. Pins 17 and 18 of the CS61535A are digital inputs in the Extended Hardware Mode.
10. Output drivers will drive CMOS logic levels into a CMOS load.
11. As an alternative to supplying a 2.3-to-2.7V input, this pin may be left floating.
ANALOG SPECIFICATIONS (TA = -40°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Min
Typ
Max
Units
Jitter Attenuator
Jitter Attenuation Curve Corner Frequency
(Note 12)
-
6
-
Hz
T1 Jitter Attenuation in Remote Loopback
(Note 13)
Jitter Freq. [Hz]
Amplitude [UIpp]
10
10
100
10
500
10
1k
5
10k, 40k
0.3
3.0
20
35
40
40
6.0
30
35
50
50
-
-
-
-
-
dB
dB
dB
dB
dB
E1 Jitter Attenuation in Remote Loopback
(Note 14)
Jitter Freq. [Hz]
Amplitude [UIpp]
10
1.5
100
1.5
400
1.5
1k
1.5
10k, 100k
0.2
3.0
20
30
35
35
6.0
32
43
50
50
-
-
-
-
-
dB
dB
dB
dB
dB
Attenuator Input Jitter Tolerance
(Note 15)
12
23
-
UI
Notes: 12. Not production tested. Parameters guaranteed by design and characterization.
13. Attenuation measured at the demodulator output of an HP3785B with input jitter equal to 3/4 of
measured jitter tolerance using a measurement bandwidth of 1 Hz (10<f<100Hz), 4Hz (100<f<1000
Hz) and 10 Hz (f> 1kHz) centered around the jitter frequency. With a 2
15-1 PRBS data pattern.
Crystal must meet specifcations in Appendix A.
14. Jitter measured at the demodulator output of an HP3785A using a measurement
bandwidth not to exceed 20 Hz centered around the jitter frequency. With a 2
15-1 PRBS data pattern.
Crystal must meet specifications in Appendix A.
15. Output jitter increases significantly when attenuator input jitter tolerance is exceeded.
CS61535A
DS40F3
3
-XO¶
&21),'(17,$/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com