Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422-DNZ Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS8422-DNZ
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZ Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS8422-DNZ Datasheet HTML 16Page - Cirrus Logic CS8422-DNZ Datasheet HTML 17Page - Cirrus Logic CS8422-DNZ Datasheet HTML 18Page - Cirrus Logic CS8422-DNZ Datasheet HTML 19Page - Cirrus Logic CS8422-DNZ Datasheet HTML 20Page - Cirrus Logic CS8422-DNZ Datasheet HTML 21Page - Cirrus Logic CS8422-DNZ Datasheet HTML 22Page - Cirrus Logic CS8422-DNZ Datasheet HTML 23Page - Cirrus Logic CS8422-DNZ Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
20
DS692PP2
CS8422
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MODE
Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF.
Notes:
12. tspi only needed before first falling edge of CS after RST rising edge. tspi = 0 at all other times.
13. Data must be held for sufficient time to bridge the transition time of CCLK.
14. CDOUT should not be sampled during this time.
15. For fsck < 1 MHz.
Parameter
Symbol
Min
Max
Unit
CCLK Clock Frequency
fsck
06.0
MHz
RST Rising Edge to CS Falling
tsrs
500
-
µs
CCLK Edge to CS Falling (Note 12)
tspi
500
-
ns
CS High Time Between Transmissions
tcsh
1.0
-
µs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time (Note 13)
tdh
15
-
ns
CCLK Falling to CDOUT Valid (Note 14)
tscdov
-100
ns
Time from CS Rising to CDOUT High-Z
tcscdo
-100
ns
CDOUT Rise Time
tr1
-25
ns
CDOUT Fall Time
tf1
-25
ns
CCLK and CDIN Rise Time (Note 15)
tr2
-100
ns
CCLK and CDIN Fall Time (Note 15)
tf2
-100
ns
t r2
t f2
t dsu tdh
t sch
t scl
CS
CCLK
CDIN
tcss
t csh
t spi
t srs
RST
CDOUT
t scdov
t scdov
t cscdo
Hi-Impedance
Figure 5. SPI Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com