Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422-DNZ Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS8422-DNZ
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZ Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS8422-DNZ Datasheet HTML 19Page - Cirrus Logic CS8422-DNZ Datasheet HTML 20Page - Cirrus Logic CS8422-DNZ Datasheet HTML 21Page - Cirrus Logic CS8422-DNZ Datasheet HTML 22Page - Cirrus Logic CS8422-DNZ Datasheet HTML 23Page - Cirrus Logic CS8422-DNZ Datasheet HTML 24Page - Cirrus Logic CS8422-DNZ Datasheet HTML 25Page - Cirrus Logic CS8422-DNZ Datasheet HTML 26Page - Cirrus Logic CS8422-DNZ Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
DS692PP2
23
CS8422
3.2
Hardware Mode
CS8422
VD_FILT
Serial Audio Input
Device
AES3/SPDIF/IEC60958
Receiver Circuitry
TDM Output Device
RXP0
1
RXN0
2
RXP1
5
RXN1
6
4
21
SDOUT2 23
OSCLK2 24
OLRCK2 25
13
MCLK_OUT
TDM_IN 26
SDOUT1
29
OSCLK1 28
OLRCK1
27
Serial Audio Input
Device
Crystal/Clock
Source
XTI 11
XTO 12
10 µF
0.1 µF
+
20
Hardware Control Circuitry
RX_SEL
15
TX_SEL
14
SRC_UNLOCK
30
NV/RERR
9
RCBL
16
C
17
TX/U
18
V/AUDIO
10
+VL
20 k
Ω
RST
32
SAOF
7
MS_SEL
8
Channel Status, User, and
Validity Data Handling and
TX Passthrough
+
10 µF
0.1 µF
+3.3V
3
+
10 µF
0.1 µF
+3.3V
19
0.1 µF
+1.8V to +5V
22
31
RMCK
20 k
Ω
+VL
20 k
Ω
+VL
20 k
Ω
+VL
20 k
Ω
Figure 8. Typical Connection Diagram, Hardware Mode
See section 12.3 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com