Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61575-IL1Z Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS61575-IL1Z
Description  T1/E1 Line Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61575-IL1Z Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS61575-IL1Z Datasheet HTML 24Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 25Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 26Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 27Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 28Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 29Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 30Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 31Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
APPLICATIONS
Line Interface
Figures A1-A3 show typical T1 and E1 line inter-
face application circuits. Table A1 shows the
external components which are specific to each
application. Figure A1 illustrates a T1 interface in
the Host Mode. Figure A2 illustrates a 120
Ω E1
interface in the Hardware Mode. Figure A3 illus-
trates a 75
Ω E1 interface in the Extended
Hardware Mode
The receiver transformer has a grounded center
tap on the IC side. Resistors between the RTIP
and RRING pins to ground provide the termina-
tion for the receive line.
The transmitter transformer matches the 75
Ω
transmitter output impedance to the line imped-
ance. Figures A1-A3 show a 0.47
μF capacitor in
series with the transmit transformer primary. This
capacitor is needed to prevent any output stage
imbalance from resulting in a DC current through
the transformer primary. This current might satu-
rate the transformer producing an output offset
level shift.
CS61574A
OR
CS61575
IN
HOST
MODE
μ
μ
μ
μ
μ
Ω
Figure A1. T1 Host Mode Configuration
Frequency
MHz
Cable
Ω
R1 and R2
Ω
Transmit
Transformer
Crystal
XTL
1.544 (T1)
100
200
1:1.15
6.176 MHz
2.048 (E1)
120
240
1:1.26
8.192 MHz
75
150
1:1
Table A1. External Component Values
CS61574A CS61575
28
DS154F3
-XO¶
&21),'(17,$/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com