Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61575-IL1Z Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS61575-IL1Z
Description  T1/E1 Line Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61575-IL1Z Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS61575-IL1Z Datasheet HTML 26Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 27Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 28Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 29Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 30Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 31Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 32Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 33Page - Cirrus Logic CS61575-IL1Z Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Transformers
Recommended transmitter and receiver trans-
former specifications are shown in Table A2. The
transformers in Table A3 have been tested and
recommended for use with the CS61574A and
CS61575. Refer to the "Telecom Transformer Se-
lection Guide" for detailed schematics which
show how to connect the line interface IC with a
particular transformer.
In applications where it is advantageous to use a
single transmitter transformer for 75
Ω and 120Ω
E1 applications, a 1:1.26 transformer may be
used. Although transmitter return loss will be re-
duced for 75
Ω applications, the pulse amplitude
will be correct across a 75
Ω load.
Selecting an Oscillator Crystal
Specific crystal parameters are required for
proper operation of the jitter attenuator. It is rec-
ommended that
a 6.176 MHz
crystal be used for T1 applications and
a
8.192 MHz crystal be used for E1 applications.
Designing for AT&T 62411
For additional information on the requirements of
AT&T 62411 and the design of an appropriate
system synchronizer, please refer to the Crystal
Semiconductor Application Notes: "AT&T 62411
Design Considerations – Jitter and Synchroniza-
tion" and "Jitter Te st ing Proc edures for
Compliance with AT&T 62411".
Transmit Side Jitter Attenuation
In some applications it is desirable to attenuate
jitter from the signal to be transmitted. A
CS61575 in local loopback mode can be used as a
jitter attenuator. The inputs to the jitter attenuator
are TPOS, TNEG, TCLK. The outputs from the
jitter attenuator are RPOS, RNEG and RCLK.
Line Protection
Secondary protection components can be added
to provide lightning surge and AC power-cross
immunity. Refer to the application note "Secon-
dary Line Protection for T1 and E1 Line Cards"
for detailed information on the different electrical
safety standards and specific application circuit
recommendations.
Parameter
Receiver
Transmitter
Turns Ratio
1:2 CT
± 5%
1:1
± 1.5 % for 75 Ω E1
1:1.15
± 5 % for 100 Ω T1
1:1.26
± 1.5 % for 120 Ω E1
Primary Inductance
600
μH min. @ 772 kHz
1.5 mH min. @ 772 kHz
Primary Leakage Inductance
1.3
μH max. @ 772 kHz
0.3
μH max. @ 772 kHz
Secondary Leakage Inductance
0.4
μH max. @ 772 kHz
0.4
μH max. @ 772 kHz
Interwinding Capacitance
23 pF max.
18 pF max.
ET-constant
16 V-
μs min. for T1
12 V-
μs min. for E1
16 V-
μs min. for T1
12 V-
μs min. for E1
Table A2. Transformer Specifications
CS61574A CS61575
30
DS154F3
-XO¶
&21),'(17,$/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com