Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA53 Datasheet(PDF) 13 Page - Cirrus Logic

Part # SA53
Description  Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA53 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button SA53 Datasheet HTML 6Page - Cirrus Logic SA53 Datasheet HTML 7Page - Cirrus Logic SA53 Datasheet HTML 8Page - Cirrus Logic SA53 Datasheet HTML 9Page - Cirrus Logic SA53 Datasheet HTML 10Page - Cirrus Logic SA53 Datasheet HTML 11Page - Cirrus Logic SA53 Datasheet HTML 12Page - Cirrus Logic SA53 Datasheet HTML 13Page - Cirrus Logic SA53 Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SA53
SA53U
3
P r o d u c t I n n o v a t i o n F r o m
FIgURE0.TImINgDIAgRAmS
3.POWERDISSIPATION
The thermally enhanced package of the SA53 al-
lows several options for managing the power dissi-
pated in the three output stages. Power dissipation
in traditional PWM applications is a combination
of output power dissipation and switching losses.
Output power dissipation depends on the quadrant
of operation and whether external flyback diodes
are used to carry the reverse or commutating cur-
rents. Switching losses are dependent on the fre-
quency of the PWM cycle as described in the typi-
cal performance graphs.
The size and orientation of the heatsink must be
selected to manage the average power dissipation
of the SA53. Applications vary widely and various
thermal techniques are available to match the re-
quired performance. The patent pending mounting
technique shown in Figure 12, with the SA53 in-
verted and suspended through a cutout in the PCB
is adequate for power dissipation up to 17W with
the HS33, a 1.5 inch long aluminum extrusion with
four fins. In free air, mounting the PCB perpendicu-
lar to the ground, such that the heated air flows upward along the channels of the fins can provide a total Θ
JA of less
than 14 ºC/W (9W max average PD). Mounting the PCB parallel to the ground impedes the flow of heated air and
provides a Θ
JA of 16.66 ºC/W (7.5W max average PD). In applications in which higher power dissipation is expected
or lower junction or case temperatures are required, a larger heatsink or circulated air can significantly improve the
performance.
4.ORDERINgANDPRODUCTSTATUSINFORmATION
mODEL
TEmPERATURE
PACKAgE
PRODUCTIONSTATUS
SA53-IHZ
-25 to 85ºC
64 pin Power QFP (HQ package drawing)
Samples Available 1Q09
TOP INPUT
BOTTOM INPUT
DELAY TIMING
OUTPUT
DISABLE
td(fall)
td(dis)
td(rise)
td(dis)
td(dis)
td(dis)
TOP INPUT
BOTTOM INPUT
OUTPUT
t(fall)
t(rise)
20%
80%
FIgURE.OUTPUTRESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com