Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA53 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA53
Description  Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA53 Datasheet(HTML) 2 Page - Cirrus Logic

  SA53 Datasheet HTML 1Page - Cirrus Logic SA53 Datasheet HTML 2Page - Cirrus Logic SA53 Datasheet HTML 3Page - Cirrus Logic SA53 Datasheet HTML 4Page - Cirrus Logic SA53 Datasheet HTML 5Page - Cirrus Logic SA53 Datasheet HTML 6Page - Cirrus Logic SA53 Datasheet HTML 7Page - Cirrus Logic SA53 Datasheet HTML 8Page - Cirrus Logic SA53 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SA53
2
SA53U
P r o d u c t I n n o v a t i o n F r o m
.ChARACTERISTICSANDSPECIFICATIONS
ABSOLUTEmAxImUmRATINgS
Parameter
Symbol
min
max
Units
SUPPLY VOLTAGE
V
S
60
V
SUPPLY VOLTAGE
V
DD
5.5
V
LOGIC INPUT VOLTAGE
(-0.5)
(V
DD+0.5)
V
OUTPUT CURRENT, peak, 10ms
(NOTE 2)
I
OUT
10
A
POWER DISSIPATION, avg, 25ºC
(NOTE 2)
P
D
100
W
TEMPERATURE, solder, 10sec
T
S
260
°C
TEMPERATURE, junction
(NOTE 2)
T
J
150
°C
TEMPERATURE RANGE, storage
T
STG
−55
125
°C
OPERATING TEMPERATURE, case
T
A
−40
125
°C
PARAmETER
TESTCONDITIONS (Note 1)
mIN
TYP
mAx
UNITS
LOgIC
INPUT LOW
1
V
INPUT HIGH
1.8
V
OUTPUT LOW
0.3
V
OUTPUT HIGH
3.7
V
OUTPUT CURRENT
(SC, Temp, I
LIM/DIS1)
50
mA
POWERSUPPLY
V
S
UVLO
50
60
V
V
S UNDERVOLTAGE LOCKOUT, (UVLO)
8.3
V
V
DD
4.5
5.5
V
SUPPLY CURRENT, V
S
20 kHz (One phase switching at
50% duty cycle) , V
S=50V, VDD=5V
25
30
mA
SUPPLY CURRENT, V
DD
20 kHz (One phase switching at
50% duty cycle) , V
S=50V, VDD=5V
5
6
mA
CURRENTLImIT
CURRENT LIMIT THRESHOLD (Vth)
3.75
V
Vth HYSTERESIS
100
mV
OUTPUT
CURRENT, CONTINUOUS
25ºC Case Temperature
3
A
RISING DELAY, TD (RISE)
See Figure 10
270
ns
FALLING DELAY, TD (FALL)
See Figure 10
270
ns
DISABLE DELAY, TD (DIS)
See Figure 10
200
ns
ENABLE DELAY, TD (DIS)
See Figure 10
200
ns
RISE TIME, T (RISE)
See Figure 11
50
ns
FALL TIME, T (FALL)
See Figure 11
50
ns
ON RESISTANCE SOURCING
(P-CHANNEL)
3A Load
400
mΩ
ON RESISTANCE
SINKING (N-CHANNEL)
3A Load
400
mΩ
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com