Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 7 Page - Advanced Monolithic Systems

Part # LP2951
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2951 Datasheet(HTML) 7 Page - Advanced Monolithic Systems

Back Button LP2951 Datasheet HTML 3Page - Advanced Monolithic Systems LP2951 Datasheet HTML 4Page - Advanced Monolithic Systems LP2951 Datasheet HTML 5Page - Advanced Monolithic Systems LP2951 Datasheet HTML 6Page - Advanced Monolithic Systems LP2951 Datasheet HTML 7Page - Advanced Monolithic Systems LP2951 Datasheet HTML 8Page - Advanced Monolithic Systems LP2951 Datasheet HTML 9Page - Advanced Monolithic Systems LP2951 Datasheet HTML 10Page - Advanced Monolithic Systems LP2951 Datasheet HTML 11Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
LP2950/LP2951
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Load Transient Response
TIME (ms)
C
L= 1 µF
01
2
3
4
5
100
0
50
150
250
V
OUT = 5V
2
7
LP2951 Enable Transient
0
2
0
1
3
4
5
6
TIME (
µs)
0
100 200 300 400 500 600 700
-100
-2
I
L= 10 mA
200
100
-50
-100
100
mA
µA
~
~
~
~
Load Transient Response
TIME (ms)
04
8
12
16
20
100
-20
0
40
80
60
20
-40
-60
100
mA
µA
~
~
C
L= 10 µF
V
OUT = 5V
V
OUT = 5V
C
L= 10 µF
C
L= 1 µF
V
IN = 8V
10
100
1K
100K
FREQUENCY (Hz)
0.01
10
Output Impedance
2
1
0.05
0.02
101
104
105
90
60
106
Ripple Rejection
FREQUENCY (Hz)
70
40
30
102
I
L= 100µA
20
50
80
V
IN= 6V
103
101
104
105
90
60
106
Ripple Rejection
FREQUENCY (Hz)
70
40
30
102
I
L= 1mA
20
50
80
V
IN= 6V
103
101
104
105
80
50
106
Ripple Rejection
FREQUENCY (Hz)
60
30
20
102
I
L= 50mA
10
40
70
V
IN= 6V
103
FREQUENCY (Hz)
0.0
3.5
LP2951 Output Noise
2.0
1.5
0.5
104
105
102
103
1.0
3.0
2.5
-75
0
25 50 75 100 125
400
200
150
LP2951 Divider Resistance
TEMPERATURE (° C)
300
100
-50 -25
0
5
0.1
0.2
0.5
10K
1M
C
L= 1 µF
I
L= 100mA
C
L= 220 µF
C
L= 3.3 µF
0.01
µF
BYPASS
PIN 1 TO
PIN 7
5V OUTPUT
I
L= 100mA
C
L= 1µF
V
OUT= 5V
C
L= 1 µF
V
OUT = 5V
I
O= 1 mA
I
O= 100µA
I
O= 100mA
V
OUT = 5V
C
L= 1 µF
I
L= 0
V
OUT = 5V
C
L= 1 µF
I
L= 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com