Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # LP2951
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2951 Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  LP2951 Datasheet HTML 1Page - Advanced Monolithic Systems LP2951 Datasheet HTML 2Page - Advanced Monolithic Systems LP2951 Datasheet HTML 3Page - Advanced Monolithic Systems LP2951 Datasheet HTML 4Page - Advanced Monolithic Systems LP2951 Datasheet HTML 5Page - Advanced Monolithic Systems LP2951 Datasheet HTML 6Page - Advanced Monolithic Systems LP2951 Datasheet HTML 7Page - Advanced Monolithic Systems LP2951 Datasheet HTML 8Page - Advanced Monolithic Systems LP2951 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
LP2950/LP2951
TYPICAL PERFORMANCE CHARACTERISTICS
0
40
100
60
160
01
2
3
4
5
6
7
8
INPUT VOLTAGE (V)
Quiescent Current
125
250
Input Current
25
50
75
100
150
175
200
225
INPUT VOLTAGE (V)
5V OUTPUT
-75
0
25 50 75 100 125
5.06
5.0
150
Temperature Drift of 3
Representative Units
TEMPERATURE (° C)
5.04
4.98
4.94
-50 -25
0.1
1
10
100
LOAD CURRENT (mA)
0.01
0.1
1
10
Quiescent Current
Dropout Characteristics
INPUT VOLTAGE (V)
R
L= 50 kΩ
0
60
120
Input Current
10
20
30
50
70
80
90
100
INPUT VOLTAGE (V)
-75
0
25 50 75 100 125
120
90
150
Quiescent Current
TEMPERATURE (° C)
100
70
60
-50 -25
I
L= 100µA
-75
0
25 50 75 100 125
10
150
Quiescent Current
TEMPERATURE (° C)
9
8
7
-50 -25
I
L= 100mA
50
80
110
20
80
140
120
0
2
5
3
8
01
2
3
4
5
67
8
INPUT VOLTAGE (V)
Quiescent Current
1
4
7
6
0
12
3
4
5
6
1
2
3
4
5
6
7
8
9 10
0
0
1
2
3
4
5
6
0
1
2
3
4
56
78
9 10
0
40
110
5.02
4.96
5V OUTPUT
5V OUTPUT
5V OUTPUT
5V OUTPUT
5V OUTPUT
5V OUTPUT
5V OUTPUT
I
L= 1 mA
I
L= 100mA
R
L= 50Ω
R
L= 50 kΩ
I
L= 0
V
IN= 6V
V
IN= 6V
R
L= 50Ω
0.2%
R
L= ∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com