Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

909F Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 909F
Description  Precision Coaxial Termination
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

909F Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  909F Datasheet HTML 1Page - Agilent(Hewlett-Packard) 909F Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC to 18 GHz
Description
Agilent Technologies’ 909F family
of precision low reflection loads are
intended for use as calibration
standards.
Tantalum nitride on sapphire thin-
film technology is used for excep-
tional long-term impedance stabil-
ity. To ensure the best possible wear
resistance characteristics, gold-plated
beryllium copper has been used for
the connector contacts.
Specifications
Specifications describe the instruments’ warranted per-
formance over the +15° to +35° C temperature range.
Supplemental characteristics as denoted by “typical”,
“nominal”, or “approximate” are provided as informa-
tion useful in applying the instrument, but are non-war-
ranted performance parameters.
Frequency Range: dc to 18 GHz
Impedance (nominal): 50 Ω
Connector:
909F, APC-7
Option 012, type-N (m)
Option 013, type-N (f)
Reflection Coefficient (max):
909F
dc to 5 GHz, 0.0025 (1.005 SWR)
5 to 6 GHz, 0.005 (1.01 SWR)
6 to 18 GHz, 0.07 (1.15 SWR)
Option 012
dc to 2 GHz, 0.0035 (1.007 SWR)
2 to 3 GHz, 0.005 (1.01 SWR)
3 to 6 GHz, 0.01 (1.02 SWR)
6 to 18 GHz, 0.07 (1.15 SWR)
Option 013
dc to 2 GHz, 0.0035 (1.007 SWR)
2 to 3 GHz, 0.005 (1.01 SWR)
3 to 6 GHz, 0.01 (1.02 SWR)
6 to 18 GHz, 0.07 (1.15 SWR)
Power Rating: 500 mW avg.;
100 W peak, 10 µS/pulse
Weight: net–60g (2 oz);
shipping–200 g (8 oz)
Environmental
Temperature:
Operating: +15° to +35° C
Non Operating: –55° to +75° C
Altitude:
Operating: 15,000 ft
Non Operating: 50,000 ft
Humidity: Cycling 5 days,
+40° C @ 95% RH
Vibration: 0.015", 5-55-5 Hz,
15 min., 3 axes
Shock: 100 g, 1-2 ms, 3 times
3 planes
EMC: Radiation interference is
within the requirements of MIL-
STD-461, method RE02, VDE 0871,
CISPR Publication 11.
Agilent 909F
Precision Coaxial Termination
Data Sheet


Similar Part No. - 909F

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
909 ALPHAWIRE-909 Datasheet
134Kb / 2P
M12?륚 Plastic Passive I/O Box
logo
Keystone Electronics Co...
909 KEYSTONE-909 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Adafruit Industries
909 ADAFRUIT-909 Datasheet
2Mb / 3P
Panel Mount Ethernet Extension Cable
9-26-18
logo
Structured Cable Produc...
909 STRUCTURED-CABLE-909 Datasheet
301Kb / 1P
F PLUG COMPRESSION TYPE US PAT.
80/08/2013
909 STRUCTURED-CABLE-909 Datasheet
301Kb / 1P
F PLUG COMPRESSION TYPE US PAT.
80/08/2013
More results

Similar Description - 909F

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
1445A AEROFLEX-1445A Datasheet
89Kb / 1P
Medium Power Coaxial Termination
logo
CRYSTEK CORPORATION
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
SS402 50 Ohm 18GHz Precision Coaxial Cables
logo
Pasternack Enterprises,...
PE6032 PASTERNACK-PE6032 Datasheet
81Kb / 1P
N FEMALE PRECISION TERMINATION,2 WATTM DC.18GHz
PE-B159-BK PASTERNACK-PE-B159-BK Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-BL PASTERNACK-PE-B159-BL Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-GR PASTERNACK-PE-B159-GR Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-RD PASTERNACK-PE-B159-RD Datasheet
104Kb / 1P
MIN-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-WH PASTERNACK-PE-B159-WH Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
PE-B159-YW PASTERNACK-PE-B159-YW Datasheet
104Kb / 1P
MINI-RG59 PRECISION VIDEO COAXIAL CABLE
logo
Mini-Circuits
BW-KM20-2W44 MINI-BW-KM20-2W44 Datasheet
177Kb / 2P
Precision Fixed Attenuator Coaxial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com