Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT11AF Datasheet(PDF) 2 Page - Motorola, Inc

Part # BUT11AF
Description  POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUT11AF Datasheet(HTML) 2 Page - Motorola, Inc

  BUT11AF Datasheet HTML 1Page - Motorola, Inc BUT11AF Datasheet HTML 2Page - Motorola, Inc BUT11AF Datasheet HTML 3Page - Motorola, Inc BUT11AF Datasheet HTML 4Page - Motorola, Inc BUT11AF Datasheet HTML 5Page - Motorola, Inc BUT11AF Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BUT11AF
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (1)
Collector-Emitter Sustaining Voltage (Figures 1 & 2)
(IC = 100 mAdc, IB = 0, L = 25 µH)
VCEO(sus)
450
Vdc
Collector Cutoff Current
(VCE = 1000 Vdc, VBE = 0)
(VCE = 1000 Vdc, VBE = 0, TJ = 125°C)
ICES
1.0
2.0
mAdc
Emitter-Base Leakage
(VEB = 9.0 Vdc, IC = 0)
IEBO
10
mAdc
ON CHARACTERISTICS (1)
Collector-Emitter Saturation Voltage
(IC = 2.5 Adc, IB = 0.5 Adc)
VCE(sat)
1.5
Vdc
Base-Emitter Saturation Voltage
(IC = 2.5 Adc, IB = 0.5 Adc)
VBE(sat)
1.5
Vdc
DC Current Gain
(IC = 5.0 mAdc, VCE = 5.0 Vdc)
hFE
10
DYNAMIC CHARACTERISTICS
Insulation Capacitance (Collector to External Heatsink)
Cc-hs
15
pF
SWITCHING CHARACTERISTICS
Inductive Load (Figures 3 & 4)
Storage
IC = 2.5 Adc, IB1 = 0.5 Adc
TJ = 25°C
ts
1100
1400
ns
Fall Time
IC = 2.5 Adc, IB1 = 0.5 Adc
TJ = 25°C
tfi
80
150
Storage
IC = 2.5 Adc, IB1 = 0.5 Adc
TJ = 100°C
ts
1200
1500
Fall Time
TJ = 100°C
tfi
140
300
Resistive Load (Figures 5 & 6)
Turn-On Time
IC = 2.5 Adc, IB1 = IB2 = 0.5 Adc
ton
1000
ns
Storage Time
IC = 2.5 Adc, IB1 = IB2 = 0.5 Adc
ts
4000
Fall Time
tf
800
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle 2.0%.
0
200
250
100
MIN
VCEO(sus)
VCE (V)
Figure 1. Oscilloscope Display for Sustaining Voltage
IC
(mA)
HOR.
OSCILLOSCOPE
VERT.
OSCILLOSCOPE
+50 V
L
VIN
0
tp
T
100 – 200
1
Figure 2. Test Circuit for VCEO(sus)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com