Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT11AF Datasheet(PDF) 1 Page - Motorola, Inc

Part # BUT11AF
Description  POWER TRANSISTOR 5.0 AMPERES 450 VOLTS 40 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUT11AF Datasheet(HTML) 1 Page - Motorola, Inc

  BUT11AF Datasheet HTML 1Page - Motorola, Inc BUT11AF Datasheet HTML 2Page - Motorola, Inc BUT11AF Datasheet HTML 3Page - Motorola, Inc BUT11AF Datasheet HTML 4Page - Motorola, Inc BUT11AF Datasheet HTML 5Page - Motorola, Inc BUT11AF Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Full Pak
High Voltage NPN Power Transistor
For Isolated Package Applications
The BUT11AF was designed for use in line operated switching power supplies in a
wide range of end use applications. This device combines the latest state of the art
bipolar fabrication techniques to provide excellent switching, high voltage capability
and low saturation voltage.
• 1000 Volt VCES Rating
• Low Base Drive Requirements
• Isolated Overmold Package
• Improved System Efficiency
• No Isolating Washers Required
• Reduced System Cost
• High Isolation Voltage Capability (4500 VRMS)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Sustaining Voltage
VCEO(sus)
450
Vdc
Collector–Emitter Breakdown Voltage
VCES
1000
Vdc
Emitter–Base Voltage
VEBO
9.0
Vdc
RMS Isolation Voltage (For 1 sec,
Per Figure 7
VISOL1
4500
TA = 25°C, Rel. Humidity < 30%)
Per Figure 8
VISOL2
3500
V
Per Figure 9
VISOL3
2500
Collector Current — Continuous
Collector Current — Pulsed (1)
IC
ICM
5.0
10
Adc
Base Current — Continuous
Base Current — Pulsed (1)
IB
IBM
2.0
4.0
Adc
Total Power Dissipation @ TC = 25°C*
Derated above 25
°C
PD
40
0.32
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 65 to +150
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Case*
R
θJC
3.125
°C/W
Maximum Lead Temperature for soldering purposes
1/8
″ from case for 5 sec.
TL
260
°C
(1) Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
≤ 10%.
* Measurement made with thermocouple contacting the bottom insulated mounting surface of the package (in a location beneath the die),
the device mounted on a heatsink, thermal grease applied, and a mounting torque of 6 to 8 in . lbs.
Full Pak is a registered trademark of Motorola Inc.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BUT11AF/D
© Motorola, Inc. 1995
BUT11AF
POWER TRANSISTOR
5.0 AMPERES
450 VOLTS
40 WATTS
CASE 221D–02
TO–220 TYPE
REV 2


Similar Part No. - BUT11AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUT11AF PHILIPS-BUT11AF Datasheet
116Kb / 8P
Silicon Diffused Power Transistor
August 1997 Rev 1.000
logo
Wing Shing Computer Com...
BUT11AF WINGS-BUT11AF Datasheet
70Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Fairchild Semiconductor
BUT11AF FAIRCHILD-BUT11AF Datasheet
47Kb / 4P
High Voltage Power Switching Applications
logo
Inchange Semiconductor ...
BUT11AF ISC-BUT11AF Datasheet
128Kb / 3P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BUT11AF SAVANTIC-BUT11AF Datasheet
116Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUT11AF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
BUL44 MOTOROLA-BUL44 Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
MJE18004 MOTOROLA-MJE18004 Datasheet
422Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 1000 VOLTS 35 and 75 WATTS
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL146 ONSEMI-BUL146 Datasheet
389Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com