Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C4M4DG-7/IT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS4C4M4DG-7/IT
Description  4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4C4M4DG-7/IT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS4C4M4DG-7/IT Datasheet HTML 3Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 4Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 5Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 6Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 7Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 8Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 9Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 10Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
16 Me
16 Me
16 Me
16 Me
16 Meg FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
AS4C4M4
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
7
AS4C4M4
Rev. 1.1 06/05
Austin Semiconductor, Inc.
READ CYCLE
NOTES (continued):
8. Either t
RCH or tRRH must be satisfied for a read cycle.
9. These parameters are referenced to CAS\ falling edge in early write cycles and to W\ falling edge in read-modify-write
cycles.
10. Operation within the t
RAD(MAX) limit insures that tRAC(MAX) can be met. tRAD(MAX) is specified as a reference point only.
If t
RAD is greater than the specified tRAS(MAX) limit, then access time is controlled by tAA.
11. These specifications are applied in the test mode.
12. In test mode read cycle, the value of t
RAC, tAA, tCAC is delayed by 2ns to 5ns for the specified values. These parameters
should be specified in test mode cycles by adding the above value to the specified value in this data sheet.
13. If t
RASS > 100 us, then RAS\ precharge time must use tRPS instead of tRP.
14. For RAS\-only refresh and burst CAS\-before-RAS\ refresh mode, 2048 cycles of burst refresh must be executed within
32ms before and after self refresh, in order to meet refresh specification.
15. For distributed CAS\-before-RAS\ with 15.6us interval CAS\-before-RAS\ refresh should be executed with in 15.6us
immediately before and after self refresh in order to meet refresh specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com