Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C4M4DG-7/IT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS4C4M4DG-7/IT
Description  4M x 4 CMOS DRAM WITH FAST PAGE MODE, 5 VOLT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4C4M4DG-7/IT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS4C4M4DG-7/IT Datasheet HTML 1Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 2Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 3Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 4Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 5Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 6Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 7Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 8Page - Austin Semiconductor AS4C4M4DG-7/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
16 Me
16 Me
16 Me
16 Me
16 Meg FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
AS4C4M4
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
1
AS4C4M4
Rev. 1.1 06/05
Austin Semiconductor, Inc.
4M x 4 CMOS DRAM
WITH FAST PAGE MODE, 5 VOLT
AVAILABLE AS MILITARY
SPECIFICATIONS
• MIL-STD-883
FEATURES
• Fast Page Mode Operation
• CAS\-before-RAS\ Refresh Capability
• RAS\-only and Hidden Refresh Capability
• Self-refresh Capability
• Fast Parallel Test Mode Capability
• TTL Compatible Inputs and Outputs
• Early Write or Output Enable Controlled Write
• JEDEC Standard Pinout
• Single +5V (±10%) Power Supply
OPTIONS
MARKINGS
• Timing
60ns access
-6
70ns access
-7
•
Package
Plastic TSOP, 24-pin
DG
• Operating Temperature Ranges
Military (-55oC to +125oC)
XT
Industrial (-40oC to +85oC)
IT
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS4C4M4DG is a
4,194,304 x 4 bit Fast Page Mode CMOS DRAM offering
high speed random access of memory cells within the same
row. This device features a +5V (±10%) power supply,
refresh cycle (2K), and fast access times (60 and 70ns). Other
features include CAS\-before-RAS\, RAS\-only refresh, and
Hidden refresh capabilities. This 4M x 4 Fast Page Mode DRAM
is fabricated using an advanced CMOS process to realize high
bandwidth, low power consumption and high reliability. It may
be used as main memory for high level computers,
microcomputers and personal computers.
PIN ASSIGNMENT
(Top View)
24 Pin TSOP (DG)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Vss
DQ3
DQ2
CAS\
OE\
A9
A8
A7
A6
A5
A4
Vss
Vcc
DQ0
DQ1
W\
RAS\
NC
A10
A0
A1
A2
A3
Vcc
PIN
FUNCTION
A0 - A10
Address Inputs
DQ0 -DQ3
Data In/Out
VSS
Ground
RAS\
Row Address Strobe
CAS\
Column Address Strobe
W\
Read/Write Input
OE\
Data Output Enable
VCC
Power (+5V)
NC
No Connect
PIN ASSIGNMENT
For more products and information
please visit our web site at
www.austinsemiconductor.com
PERFORMANCE RANGE
SPEED
tRAC
tCAC
tRC
tPC
UNITS
-6
60
15
110
40
ns
-7
70
18
130
45
ns


Similar Part No. - AS4C4M4DG-7/IT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M4E1Q ALSC-AS4C4M4E1Q Datasheet
353Kb / 16P
4M X 4 CMOS Quad CAS DRAM (EDO) family
AS4C4M4F0 ALSC-AS4C4M4F0 Datasheet
274Kb / 18P
5V 4M횞4 CMOS DRAM (Fast Page mode)
AS4C4M4F0-50 ALSC-AS4C4M4F0-50 Datasheet
274Kb / 18P
5V 4M횞4 CMOS DRAM (Fast Page mode)
AS4C4M4F0-50JC ALSC-AS4C4M4F0-50JC Datasheet
274Kb / 18P
5V 4M횞4 CMOS DRAM (Fast Page mode)
AS4C4M4F0-50JI ALSC-AS4C4M4F0-50JI Datasheet
274Kb / 18P
5V 4M횞4 CMOS DRAM (Fast Page mode)
More results

Similar Description - AS4C4M4DG-7/IT

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C316405A MOSEL-V53C316405A Datasheet
171Kb / 24P
3.3 VOLT 4M x 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516400A MOSEL-V53C516400A Datasheet
172Kb / 24P
4M x 4 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM41C4000D SAMSUNG-KM41C4000D Datasheet
340Kb / 20P
4M x 1Bit CMOS Dynamic RAM with Fast Page Mode
KM44C4000C SAMSUNG-KM44C4000C Datasheet
340Kb / 20P
4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C4003C SAMSUNG-KM44C4003C Datasheet
376Kb / 20P
4M x 4Bit CMOS Quad CAS DRAM with Fast Page Mode
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
logo
Austin Semiconductor
AS4LC4M4 AUSTIN-AS4LC4M4 Datasheet
2Mb / 19P
4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
1 MEG x 4 DRAM Fast Page Mode DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com