Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

650CS002M24 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 650CS002M24
Description  Dummy Stowage Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

650CS002M24 Datasheet(HTML) 1 Page - Glenair, Inc.

  650CS002M24 Datasheet HTML 1Page - Glenair, Inc. 650CS002M24 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 65 - Page 2
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
650CS002
Dummy Stowage Receptacle
MIL-C-22992
MIL-C-22992
Product Series
Connector Designator
Angle and Profile
Basic Number
Finish (Table II)
Cable Entry (Table III)
650 C S 002 M 24
C Sq
G
F
A Thread
.672 (17.1)
Min
E
B
.820
(20.8)
105°
265°
140°
215°
H
D
B Sq


Similar Part No. - 650CS002M24

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
650 OSCILENT-650 Datasheet
139Kb / 2P
Low Profile
logo
Aries Electronics, Inc.
650 ARIES-650 Datasheet
325Kb / 1P
Pin Positions Numbered on Cover with Identification Polarization Notch
logo
France Joint
650 FRANCEJOINT-650 Datasheet
784Kb / 3P
PISTON SEALS
logo
Abbatron All Rights Res...
650 ABBATRON-650 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Glenair, Inc.
650-061 GLENAIR-650-061 Datasheet
234Kb / 1P
Rear Panel Mount Dummy Receptacle for 804 Connectors
More results

Similar Description - 650CS002M24

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
650BS001B20 GLENAIR-650BS001B20 Datasheet
29Kb / 1P
Dummy Stowage Receptacle
650DS001B16 GLENAIR-650DS001B16 Datasheet
25Kb / 1P
Dummy Stowage Receptacle
650LS001M16 GLENAIR-650LS001M16 Datasheet
27Kb / 1P
Dummy Stowage Receptacle
M38999-911B GLENAIR-M38999-911B Datasheet
74Kb / 1P
Dummy Stowage Receptacle
M38999-108B GLENAIR-M38999-108B Datasheet
74Kb / 1P
Dummy Stowage Receptacle
M81511-19-08-1 GLENAIR-M81511-19-08-1 Datasheet
76Kb / 1P
Dummy Stowage Receptacle
MS3105-8S GLENAIR-MS3105-8S Datasheet
35Kb / 1P
Dummy Stowage Receptacle
650HS010 GLENAIR-650HS010 Datasheet
28Kb / 1P
Dummy Stowage Receptacle
650HS058 GLENAIR-650HS058 Datasheet
223Kb / 2P
Dummy Stowage Receptacle
650FS002 GLENAIR-650FS002 Datasheet
180Kb / 1P
Dummy Stowage Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com