Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

650CS002M24 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 650CS002M24
Description  Dummy Stowage Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

650CS002M24 Datasheet(HTML) 2 Page - Glenair, Inc.

  650CS002M24 Datasheet HTML 1Page - Glenair, Inc. 650CS002M24 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 65 - Page 3
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
650CS002
Dummy Stowage Receptacle
MIL-C-22992
1. For complete dimensions see Mil-C-22992.
2. Metric dimensions (mm) are indicated in parentheses.
B
+ .020 (0.5)
1.188 (30.2)
1.281 (32.3)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
2.000 (50.8)
2.250 (57.2)
2.500 (63.5)
2.750 (69.9)
3.000 (76.2)
Shell
Size
12
14
16
18
20
22
24
28
32
36
40
J Thread
Class 2A
.8750 -0.1P-0.2L-DS
1.0000-0.1P-0.2L-DS
1.1250-0.1P-0.2L-DS
1.2500-0.1P-0.2L-DS
1.3750-0.1P-0.2L-DS
1.5000-0.1P.-02L--DS
1.7500-0.1P-0.2L-DS
2.0000-0.1P-0.2L-DS
2.2500-0.1P-0.2L-DS
2.5000-0.1P-0.2L-DS
2.7500-0.1P-0.2L-DS
TABLE III: DIMENSIONS
C
SQ
.906 (23.0)
.969 (24.6)
1.062 (27.0)
1.156 (29.4)
1.250 (31.8)
1.375 (34.9)
1.562 (39.7)
1.750 (44.5)
1.938 (49.2)
2.188 (55.6)
2.375 (60.3)
D
+ .005 (0.1)
-.010 (0.3)
.567 (14.4)
.692 (17.6)
.817 (20.8)
.942 (23.9)
1.068 (27.1)
1.192 (30.3)
1.317 (33.5)
1.536 (39.0)
1.786 (45.4)
2.005 (50.9)
2.255 (57.3)
E
+ .010 (0.3)
-.006 (0.2)
.647 (16.4)
.772 (19.6)
.897 (22.8)
1.022 (26.0)
1.148 (29.2)
1.272 (32.3)
1.473 (37.4)
1.692 (43.0)
1.942 (49.3)
2.161 (54.9)
2.411 (61.2)
F
+ .021 (0.5)
-.010 (0.3)
.938 (23.8)
.938 (23.8)
..938 (23.8)
.953 (24.2)
.953 (24.2)
.953 (24.2)
1.047 (26.6)
1.047 (26.6)
1.110 (28.2)
1.110 (28.2)
1.110 (28.2)
G
+ .010 (0.3)
-.000 (0)
.797 (20.2)
.797 (20.2)
.797 (20.2)
.797 (20.2)
.797 (20.2)
.797 (20.2)
.859 (21.8)
.859 (21.8)
.922 (23.4)
.922 (23.4)
.922 (23.4)
H
+ .005 (0.1)
.150 (3.8)
.150 (3.8)
.150 (3.8)
.177 (4.5)
.177 (4.5)
.177 (4.5)
.177 (4.5)
.177 (4.5)
.209 (5.3)
.209 (5.3)
.209 (5.3)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com