Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M4DG-7/XT Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS4LC4M4DG-7/XT
Description  4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M4DG-7/XT Datasheet(HTML) 5 Page - Austin Semiconductor

  AS4LC4M4DG-7/XT Datasheet HTML 1Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 2Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 3Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 4Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 5Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
16 Me
16 Me
16 Me
16 Me
16 Meg FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
AS4LC4M4
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
5
AS4LC4M4
Rev. 0.3 7/06
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS1,2
(CONTINUED)
MIN
MAX
MIN
MAX
tDS
Data set-up time
0
ns
9
tDH
Data hold time
10
ns
9
tREF
Refresh period
128
ms
tWCS
Write command set-up time
0
ns
7
tCWD
CAS\ to W\ delay time
40
ns
7
tRWD
RAS\ to W\ delay time
85
ns
7
tAWD
Column address to W\ delay time
55
ns
7
tCPWD
CAS\ precharge to W\ delay time
60
ns
tCSR
CAS\ set-up time (CAS\-before-RAS\ refresh)
5
ns
tCHR
CAS\ hold time (CAS\-before-RAS\ refresh)
10
ns
tRPC
RAS\ to CAS\ precharge time
5
ns
tCPA
Access time from CAS\ precharge
35
ns
3
tPC
Fast Page cycle time
40
ns
tPRWC
Fast Page read-modify-write cycle time
85
ns
tCP
CAS\ precharge time (Fast Page Cycle)
10
ns
tRASP
RAS\ pulse width (Fast Page Cycle)
60
200K
ns
tRHCP
RAS\ hold time from CAS\ precharge
35
ns
tOEA
OE\ access time
15
ns
tOED
OE\ to data delay
15
ns
tOEZ
Output buffer turn off delay time from OE\
0
15
ns
6
tOEH
OE\ command hold time
15
ns
tWTS
Write command set-up time (Test mode in)
10
ns
11
tWTH
Write command hold time (Test mode in)
10
ns
11
tWRP
W\ to RAS\ precharge time (C\-B-R\ refresh)
10
ns
tWRH
W\ to RAS\ hold time (C\-B-R\ refresh)
10
ns
tRASS
RAS\ pulse width (C\-B-R\ self refresh)
100
us
13, 14, 15
tRPS
RAS\ precharge time (C\-B-R\ self refresh)
110
ns
13, 14, 15
tCHS
CAS\ hold time (C\-B-R\ self refresh)
-50
ns
13, 14, 15
UNITS
NOTES
SYMBOL
PARAMETER
-60
-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com