Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC4M4DG-7/XT Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS4LC4M4DG-7/XT
Description  4M x 4 CMOS DRAM WITH FAST PAGE MODE, 3.3V
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M4DG-7/XT Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS4LC4M4DG-7/XT Datasheet HTML 2Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 3Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 4Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 5Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 6Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 9Page - Austin Semiconductor AS4LC4M4DG-7/XT Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
16 Me
16 Me
16 Me
16 Me
16 Meg FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
g FPM DRAM
AS4LC4M4
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
6
AS4LC4M4
Rev. 0.3 7/06
Austin Semiconductor, Inc.
TEST MODE CYCLE11
NOTES:
1. An initial pause of 200us is required after power-up followed by an 8 RAS\-only refresh or CAS\-before-RAS\ refresh cycles before proper device operation is achieved.
2. V
IH
(MIN) and V
IL
(MAX) are reference levels for measuring timing of input signals. Transition times are measured between V
IH
(MIN) and V
IL
(MAX) and are assumed to be 5ns for all inputs.
3. Measured with a load equivalent to 1 TTL loads and 100pF.
4. Operation within the t
RCD
(MAX) limit insures that t
RAC
(MAX) and be met. t
RCD
(MAX) is specified as a reference point only. If t
RCD
is greater than the specified t
RCD
(MAX) limit, then access time is
controlled exclusively by t
CAC
.
5. Assumes that t
RCD > t
RCD
(MAX).
6. t
OFF
(MIN) and t
OEZ
(MAX) define the time at which the output achieves the open circuit condition and are not referenced V
OH
or V
OL
.
7. t
WCS
, t
RWD
, t
CWD
and t
AWD
are non restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If t
WCS
> t
WCS
(MIN), the cycle is an early write cycle and the data
output will remain high impedance for the duration of the cycle. If t
CWD
> t
CWD
(MIN), t
RWD
> t
RWD
(MIN) and t
AWD
> t
AWD
(MIN), then the cycle is a read-modify-write cycle and the data output will
contain the data read from the selected address. If neither of the above conditions is satisfied, the condition of the data out is indeterminate.
8. Either t
RCH
or t
RRH
must be satisfied for a read cycle.
9. These parameters are referenced to CAS\ falling edge in early write cycles and to W\ falling edge in read-modify-write cycles.
10. Operation within the t
RAD
(MAX) limit insures that t
RAC
(MAX) can be met. t
RAD
(MAX) is specified as a reference point only. If t
RAD
is greater than the specified t
RAS
(MAX) limit, then access time is
controlled by t
AA
.
11. These specifications are applied in the test mode.
12. In test mode read cycle, the value of t
RAC
, t
AA
, t
CAC
is delayed by 2ns to 5ns for the specified values. These parameters should be specified in test mode cycles by adding the above value to the specified
value in this data sheet.
13. If t
RASS
> 100 us, then RAS\ precharge time must use t
RPS
instead of t
RP
.
14. For RAS\-only refresh and burst CAS\-before-RAS\ refresh mode, 2048 cycles of burst refresh must be executed within 32ms before and after self refresh, in order to meet refresh specification.
15. For distributed CAS\-before-RAS\ with 15.6us interval CAS\-before-RAS\ refresh should be executed with in 15.6us immediately before and after self refresh in order to meet refresh specification.
MIN
MAX
MIN
MAX
tRC
Random read or write cycle time
115
ns
tRWC
Read-modify-write cycle time
160
ns
tRAC
Access time from RAS\
65
ns
3, 4, 10, 12
tCAC
Access time from CAS\
20
ns
3, 4, 5, 12
tAA
Access time from column address
35
ns
3, 10 ,12
tRAS
RAS\ pulse width
65
10K
ns
tCAS
CAS\ pulse width
20
10K
ns
tRSH
RAS\ hold time
20
ns
tCSH
CAS\ hold time
65
ns
tRAL
Column address to RAS\ lead time
35
ns
tCWD
CAS\ to W\ delay time
45
ns
7
tRWD
RAS\ to W\ delay time
90
ns
7
tAWD
Column address to W\ delay time
60
ns
7
tCPWD
CAS\ precharge to W\ delay time
65
ns
tPC
Fast Page cycle time
45
ns
tPRWC
Fast Page read-modify-write time
90
ns
tRASP
RAS\ pulse width (Fast Page Cycle)
65
200K
ns
tCPA
Access time from CAS\ precharge
40
ns
3
tOEA
OE\ access time
20
ns
tOED
OE\ to data delay
20
ns
tOEH
OE\ command hold time
20
ns
UNITS
NOTES
SYMBOL
PARAMETER
-60
-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com