Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C2568C-25L/883C Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS5C2568C-25L/883C
Description  32K x 8 SRAM SRAM MEMORY ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C2568C-25L/883C Datasheet(HTML) 5 Page - Austin Semiconductor

  AS5C2568C-25L/883C Datasheet HTML 1Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 2Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 3Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 4Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 5Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 6Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 7Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 8Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2568
AS5C2568
MT5C2568 / AS5C2568
Rev. 4.5 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
NOTES
1.
All voltages referenced to V
SS (GND).
2.
-3V for pulse width < 20ns
3.
I
CC is dependent on output loading and cycle rates.
The
specified value applies with the outputs unloaded, and
f =
1
Hz.
tRC (MIN)
4.
This parameter is guaranteed but not tested.
5.
Test conditions as specified with the output loading as
shown in Fig. 1 unless otherwise noted.
6.
t HZCE, tHZOE and tHZWE are specified with CL = 5pF
as in Fig. 2. Transition is measured ±500mV typical from
steady state voltage, allowing for actual tester RC time
constant.
7.
At any given temperature and voltage condition, tHZCE
is less than tLZCE, and tHZWE is less than tLZWE.
8.
WE\ is HIGH for READ cycle.
9.
Device is continuously selected. Chip enables and
output enables are held in their active state.
10. Address valid prior to, or coincident with, latest
occurring chip enable.
11. tRC = Read Cycle Time.
12. Chip enable (CE\) and write enable (WE\) can initiate and
terminate a WRITE cycle.
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
LOW Vcc DATA RETENTION WAVEFORM
123
123
123
123
1234
1234
1234
1234
DON’T CARE
UNDEFINED
AC TEST CONDITIONS
Input pulse levels....................................................Vss to 3V
Input rise and fall times.....................................................5ns
Input timing reference level.............................................1.5V
Output reference level......................................................1.5V
Output load.................................................See figures 1 & 2
DESCRIPTION
CONDITIONS
SYM
MIN
MAX
UNITS
NOTES
VCC for Retention Data
VDR
2V
Data Retention Current
CE\ > (VCC-0.2V)
VIN > (VCC-0.2V)
or < 0.2V
ICCDR
1mA
Chip Deselect to Data
Retention Time
tCDR
0--
ns
4
Operation Recovery Time
tR
tRC
ns
4, 11
12345678
12345678
12345678
12345678
123
123
123
123
1234
1234
1234
1234
12345678
12345678
12345678
12345678
12
12
12
12
123
123
123
123
DATA RETENTION MODE
V
DR > 2V
4.5V
4.5V
V
DR
tCDR
tR
V
IH
V
IL
V
CC
CE\
Fig. 2
OUTPUT LOAD
EQUIVALENT
Fig. 1
OUTPUT LOAD
EQUIVALENT
+5V
Q
255
30 pF
480
5 pF
+5V
Q
255
480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com