Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C2568C-25L/883C Datasheet(PDF) 14 Page - Austin Semiconductor

Part # AS5C2568C-25L/883C
Description  32K x 8 SRAM SRAM MEMORY ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C2568C-25L/883C Datasheet(HTML) 14 Page - Austin Semiconductor

Back Button AS5C2568C-25L/883C Datasheet HTML 8Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 9Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 10Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 11Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 12Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 13Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 14Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 15Page - Austin Semiconductor AS5C2568C-25L/883C Datasheet HTML 16Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2568
AS5C2568
MT5C2568 / AS5C2568
Rev. 4.5 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
14
Austin Semiconductor, Inc.
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
12ns offered in IT only
**DEFINITION OF OPTIONS
2V Data Retention / Low Power
L
Device Number
Package
Type
Speed ns Options** Process
Device Number
Package
Type
Speed ns Options** Process
MT5C2568
MT5C2568
C
CW
-12
-12
L
L
/*
/*
MT5C2568
MT5C2568
EC
ECW
-12
-12
L
L
/*
/*
MT5C2568
MT5C2568
C
CW
-15
-15
L
L
/*
/*
MT5C2568
MT5C2568
EC
ECW
-15
-15
L
L
/*
/*
MT5C2568
MT5C2568
C
CW
-20
-20
L
L
/*
/*
MT5C2568
MT5C2568
EC
ECW
-20
-20
L
L
/*
/*
MT5C2568
MT5C2568
C
CW
-25
-25
L
L
/*
/*
MT5C2568
MT5C2568
EC
ECW
-25
-25
L
L
/*
/*
MT5C2568
MT5C2568
C
CW
-35
-35
L
L
/*
/*
MT5C2568
MT5C2568
EC
ECW
-35
-35
L
L
/*
/*
MT5C2568
MT5C2568
C
CW
-45
-45
L
L
/*
/*
MT5C2568
MT5C2568
EC
ECW
-45
-45
L
L
/*
/*
MT5C2568
MT5C2568
C
CW
-55
-55
L
L
/*
/*
MT5C2568
MT5C2568
EC
ECW
-55
-55
L
L
/*
/*
MT5C2568
MT5C2568
C
CW
-70
-70
L
L
/*
/*
MT5C2568
MT5C2568
EC
ECW
-70
-70
L
L
/*
/*
MT5C2568
CW
-100
L
/*
MT5C2568
ECW
-100
L
/*
Device Number
Package
Type
Speed ns Options** Process
Device Number
Package
Type
Speed ns Options** Process
MT5C2568
F
-12
L
/*
MT5C2568
DCJ
-12
L
/*
/*
MT5C2568
F
-15
L
/*
MT5C2568
DCJ
-15
L
/*
/*
MT5C2568
F
-20
L
/*
MT5C2568
DCJ
-20
L
/*
/*
MT5C2568
F
-25
L
/*
MT5C2568
DCJ
-25
L
/*
/*
MT5C2568
F
-35
L
/*
MT5C2568
DCJ
-35
L
/*
/*
MT5C2568
F
-45
L
/*
MT5C2568
DCJ
-45
L
/*
/*
MT5C2568
F
-55
L
/*
MT5C2568
DCJ
-55
L
/*
/*
MT5C2568
F
-70
L
/*
MT5C2568
DCJ
-70
L
/*
/*
MT5C2568
F
-100
L
/*
EXAMPLE: MT5C2568CW-25L/XT
EXAMPLE: MT5C2568F-55/XT
EXAMPLE: MT5C2568ECW-15L/IT
EXAMPLE: MT5C2568DCJ-70L/IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com