Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C2568CW-25L/883C Datasheet(PDF) 13 Page - Austin Semiconductor

Part # AS5C2568CW-25L/883C
Description  32K x 8 SRAM SRAM MEMORY ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C2568CW-25L/883C Datasheet(HTML) 13 Page - Austin Semiconductor

Back Button AS5C2568CW-25L/883C Datasheet HTML 8Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 9Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 10Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 11Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 12Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 13Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 14Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 15Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 16Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2568
AS5C2568
MT5C2568 / AS5C2568
Rev. 4.5 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
13
Austin Semiconductor, Inc.
* All measurements are in inches.
ASI Case #500 (Package Designator DCJ)
MECHANICAL DEFINITIONS*
E1
B1
A3
A
A2
e
b
D
E
MIN
MAX
A
0.116
0.166
A2
0.026
0.036
A3
---
0.166
B1
0.030
0.040
b
0.015
0.019
D
---
0.740
E
0.380
0.420
E1
0.395
0.410
e
SYMBOL
ASI SPECIFICATIONS
0.050 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com