Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5C2568CW-25L/883C Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS5C2568CW-25L/883C
Description  32K x 8 SRAM SRAM MEMORY ARRAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C2568CW-25L/883C Datasheet(HTML) 1 Page - Austin Semiconductor

  AS5C2568CW-25L/883C Datasheet HTML 1Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 2Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 3Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 4Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 5Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 6Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 7Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 8Page - Austin Semiconductor AS5C2568CW-25L/883C Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C2568
AS5C2568
MT5C2568 / AS5C2568
Rev. 4.5 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FEATURES
• Access Times: 12, 15, 20, 25, 35, 45, 55, 70, & 100ns
• Battery Backup: 2V data retention
• Low power standby
• High-performance, low-power CMOS double-metal process
• Single +5V (+10%) Power Supply
• Easy memory expansion with CE\
• All inputs and outputs are TTL compatible
OPTIONS
MARKING
• Timing
12ns access1
-12
15ns access1
-15
20ns access
-20
25ns access
-25
35ns access
-35
45ns access
-45
55ns access
2
-55
70ns access
2
-70
100ns access
-100
• Package(s)3
Ceramic DIP (300 mil)
C
No. 108
Ceramic DIP (600 mil)
CW
No. 110
Ceramic LCC (28 leads)
EC
No. 204
Ceramic LCC (32 leads)
ECW
No. 208
Ceramic Flat Pack
F
No. 302
Ceramic SOJ
DCJ
No. 500
• Operating Temperature Ranges
Military -55oC to +125oCXT
Industrial -40oC to +85oCIT
• 2V data retention/low power
L
NOTES:
1. -12 available in IT only.
2. Electrical characteristics identical to those provided for the
45ns access devices.
3. Plastic SOJ (DJ Package) is available on the AS5C2568 datasheet.
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
•SMD 5962-88662
•SMD 5962-88552
•MIL-STD-883
28-PIN SOJ (DCJ)
28-Pin DIP (C, CW)
32-Pin LCC (ECW)
28-Pin Flat Pack (F)
28-Pin LCC (EC)
GENERAL DESCRIPTION
The Austin Semiconductor SRAM family employs
high-speed, low power CMOS designs using a four-transistor
memory cell. These SRAMs are fabricated using double-layer
metal, double-layer polysilicon technology.
For flexibility in high-speed memory applications,
Austin Semiconductor offers chip enable (CE\) and output
enable (OE\) capability. These enhancements can place the
outputs in High-Z for additional flexibility in system design.
Writing to these devices is accomplished when write
enable (WE\) and CE\ inputs are both LOW. Reading is
accomplished when WE\ remains HIGH and CE\ and OE\ go
LOW. The device offers a reduced power standby mode when
disabled. This allows system designs to achieve low standby
power requirements.
The “L” version provides a battery backup/low
voltage data retention mode, offering 2mW maximum power
dissipation at 2 volts. All devices operate from a single +5V
power supply and all inputs and outputs are fully TTL
compatible.
4 3 2 1 32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
A6
A5
A4
A3
A2
A1
A0
NC
DQ1
29
28
27
26
25
24
23
22
21
A8
A9
A11
NC
OE\
A10
CE\
DQ8
DQ7
3 2 1 28 27
13 14 15 16 17
4
5
6
7
8
9
10
11
12
A6
A5
A4
A3
A2
A1
A0
DQ1
DQ2
26
25
24
23
22
21
20
19
18
A13
A8
A9
A11
OE\
A10
CE\
DQ8
DQ7
A14
1
28 VCC
A12
2
27 WE\
A7
3
26 A13
A6
4
25 A8
A5
5
24 A9
A4
6
23 A11
A3
7
22 OE\
A2
8
21 A10
A1
9
20 CE\
A0 10
19 DQ8
DQ1 11
18 DQ7
DQ2 12
17 DQ6
DQ3 13
16 DQ5
VSS 14
15 DQ4
32K x 8 SRAM
SRAM MEMORY ARRAY
For more products and information
please visit our web site at
www.austinsemiconductor.com
A14
1
28
VCC
A12
2
27
WE\
A7
3
26
A13
A6
4
25
A8
A5
5
24
A9
A4
6
23
A11
A3
7
22
OE\
A2
8
21
A10
A1
9
20
CE\
A0
10
19
DQ8
DQ1
11
18
DQ7
DQ2
12
17
DQ6
DQ3
13
16
DQ5
VSS
14
15
DQ4


Similar Part No. - AS5C2568CW-25L/883C

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
267Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
Low power standby
logo
Austin Semiconductor
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ-12/883C AUSTIN-AS5C2568DJ-12/883C Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS5C2568CW-25L/883C

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
256K x 4 SRAM SRAM MEMORY ARRAY
AS8S128K32 AUSTIN-AS8S128K32 Datasheet
244Kb / 11P
128K x 32 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
32K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
512K x 8 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
512K x 32 SRAM SRAM MEMORY ARRAY
MT5C1001 AUSTIN-MT5C1001_05 Datasheet
100Kb / 13P
1M x 1 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com