Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

712FS360M16 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 712FS360M16
Description  Non-Environmental User-Installable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712FS360M16 Datasheet(HTML) 1 Page - Glenair, Inc.

  712FS360M16 Datasheet HTML 1Page - Glenair, Inc. 712FS360M16 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
D-16
E-Mail: sales@glenair.com
www.glenair.com
STYLE 2
45° & 90°
.880
(22.4)
MAX
STYLE 2
STRAIGHT
F
90°
H
G
45°
45°
E
C DIA
(Page F-17)
TUBING I.D.
PEEK
CONVOLUTED
TUBING
STRAIGHT
A THREAD
(Page F-17)
LENGTH
± .060 (1.52)
LENGTH
± .060
(1.52)
J
DIA
712-360 - Type A
Straight, 45° & 90° Non-Environmental User-Installable
Connector Fitting for PEEK Series 74 Helical Convoluted Tubing
Product
Series
Conn. Designator
A, D, F, H, L, or S
(Pages F-3 to F-5)
Angular Function:
H = 45°
J = 90°
S = Straight
Basic No.
712 F S 360 M 16 20 - 6 1
Style 1 or 2
Length in 1/2 inch (12.7)
increments (Example:
6 = 3.0 inches (76.2))
Dash No. (Table III)
Shell Size (Table I)
Finish
(Table II)
TYPE
A
For use with PEEK
convoluted tubing
only - Part number
120-100-1-1-XX
(page D-3).
O-RING


Similar Part No. - 712FS360M16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712FS386M16 GLENAIR-712FS386M16 Datasheet
85Kb / 2P
Environmental User-Installable
More results

Similar Description - 712FS360M16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710CA004M GLENAIR-710CA004M Datasheet
114Kb / 2P
Non-Environmental User-Installable Straight
710S188M16 GLENAIR-710S188M16 Datasheet
68Kb / 1P
Non-Environmental User-Installable Transition Fitting
712-188M20AD GLENAIR-712-188M20AD Datasheet
34Kb / 2P
Environmental User-Installable Bulkhead Fitting
712-388S20C GLENAIR-712-388S20C Datasheet
77Kb / 1P
Environmental User-Installable Splice Kit
712AK127M16 GLENAIR-712AK127M16 Datasheet
62Kb / 2P
Non-Environmental User-Installable
712AK178M16 GLENAIR-712AK178M16 Datasheet
58Kb / 2P
Non-Environmental User-Installable Fitting
712AK277M16 GLENAIR-712AK277M16 Datasheet
62Kb / 2P
EMI Environmental User-Installable
712AH386M16 GLENAIR-712AH386M16 Datasheet
85Kb / 2P
Environmental User-Installable
712-379 GLENAIR-712-379 Datasheet
101Kb / 1P
Non-Environmental User-Installable Transition Fitting
712-387 GLENAIR-712-387 Datasheet
46Kb / 2P
Straight, 45째 & 90째 Environmental User-Installable Fitting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com