Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

712FS360M16 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 712FS360M16
Description  Non-Environmental User-Installable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712FS360M16 Datasheet(HTML) 2 Page - Glenair, Inc.

  712FS360M16 Datasheet HTML 1Page - Glenair, Inc. 712FS360M16 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
D-17
E-Mail: sales@glenair.com
www.glenair.com
TABLE III
DASH
TUBING I.D.
J
NO.
MIN
MAX
MAX
06
.181 (4.6)
.187 (4.7)
.720 (18.3)
09
.273 (6.9)
.281 (7.1)
.821 (20.9)
12
.364 (9.2)
.375 (9.5)
.915 (23.2)
16
.485 (12.3)
.500 (12.7)
1.040 (26.4)
20
.608 (15.4)
.625 (15.9)
1.165 (29.6)
24
.730 (18.5)
.750 (19.1)
1.290 (32.8)
32
.975 (24.8)
1.000 (25.4)
1.540 (39.1)
40
1.210 (30.7)
1.250 (31.8)
1.790 (45.5)
48
1.471 (37.4)
1.500 (38.1)
2.040 (51.8)
56
1.721 (42.9)
1.750 (44.5)
2.290 (58.2)
64
1.971 (49.2)
2.000 (50.8)
2.540 (64.5)
TABLE I
SHELL SIZE
E
F
G
H
A,D, F,L,S
H
MAX
MAX
MAX
MAX
08
09
.639 (16.2)
.950 (24.1)
.750 (19.1)
1.060 (26.9)
10
11
.664 (16.9)
.980 (24.9)
.810 (20.6)
1.120 (28.4)
12
13
.688 (17.5)
1.000 (25.4)
.870 (22.1)
1.180 (30.0)
14
15
.705 (17.9)
1.030 (26.2)
.920 (23.4)
1.250 (31.8)
16
17
.732 (18.6)
1.050 (26.7)
.980 (24.9)
1.310 (33.3)
18
19
.748 (19.0)
1.060 (26.9)
1.020 (25.9)
1.330 (33.8)
20
21
.773 (19.6)
1.080 (27.4)
1.080 (27.4)
1.390 (35.3)
22
23
.800 (20.3)
1.120 (28.4)
1.140 (29.0)
1.470 (37.3)
24
25
.823 (20.9)
1.150 (29.2)
1.200 (30.5)
1.540 (39.1)
28
--
1.041 (26.4)
1.320 (33.5)
1.480 (37.6)
1.780 (45.2)
32
--
1.092 (27.7)
1.360 (34.5)
1.610 (40.9)
1.870 (47.5)
36
--
1.138 (28.9)
1.410 (35.8)
1.720 (43.7)
1.980 (50.3)
TABLE II
SYMBOL FINISH
B
Olive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
M
Electroless Nickel
N
Olive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
T
Bright Dip Cadmium Plate over Nickel
NOTES:
1.
When tubing I.D. max exceeds inside diameter of
connector shell, style 2 may be supplied. Refer to
pages F-15 and F-16.
2.
Metric dimensions (mm) are in parentheses.
3.
Tubing shown for reference only.
4.
O-Ring not supplied with Connector Designator A.
712-360 - Type A
Straight, 45° & 90° Non-Environmental User-Installable
Connector Fitting for PEEK Series 74 Helical Convoluted Tubing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com