Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8166 Datasheet(PDF) 2 Page - Micronetics, Inc.

Part # 8166
Description  CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

8166 Datasheet(HTML) 2 Page - Micronetics, Inc.

  8166 Datasheet HTML 1Page - Micronetics, Inc. 8166 Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
27
DESCRIPTION
Designed for high accuracy
and/or fast switching speed,
each one of these digital
attenuators contains a remov-
able analog attenuator (see
following page for descrip-
tion) which allows for flexible
use of different frequency
bands. Hermetic,
military/industrial design.
ADDITIONAL FEATURES (#8169)
s Accuracy: 2%
CONNECTORS
s SMA
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Electronic
Countermeasure (ECM)
s Communications test
equipment
s Electronic Warfare (EW)
PART #
TYPE
FREQ
LOSS
ATTEN
VSWR
SWITCH
RF
DC
RANGE
dB
RANGE
SPEED
POWER
SUPPLY
GHZ
dB
ns
dBm
Volts
8169
6 Bit
6-10
2.7
63
2.0:1
500
10
+12,-12
8170
6 Bit
4-8
2.5
63
2.0:1
500
10
+12,-12
8171
6 Bit
12-18
3.2
63
2.0:1
500
10
+12,-12
ELECTRICAL CHARACTERISTICS
CONNECTORIZED ATTENUATORS
WITH
DIGITAL CONNECTORS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com