Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8166 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 8166
Description  CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

8166 Datasheet(HTML) 1 Page - Micronetics, Inc.

  8166 Datasheet HTML 1Page - Micronetics, Inc. 8166 Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONNECTORIZED ATTENUATORS
WITH
DIGITAL CONNECTORS
26
DESCRIPTION
Designed for high
speed/medium power applica-
tions, these digital attenua-
tors feature nine-pin micro-D
connectors that easily inte-
grate to control logic with-
out the need for soldered con-
nections. Both the digital
and the RF connectors are on
one side for easy cable con-
nection. Hermetic,
military/industrial design.
ADDITIONAL FEATURES (#8166)
s Power:
2 Watts
CONNECTORS
s SMA
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Radar simulation
s Electronic Warfare (EW)
s Radar stimulator
PART #
TYPE
FREQ
LOSS
ATTEN
VSWR
SWITCH
RF
DC
RANGE
dB
RANGE
SPEED
POWER
SUPPLY
GHZ
dB
ns
dBm
Volts
8165
6 Bit
2-8
3.8
31.5
1.8:1
150
27
+5,-15
8166
4 Bit
.8-1.2
2.5
67.5
1.8:1
50
33
+5,-15
8167
4 Bit
.8-1.2
2.5
60
1.8:1
50
33
+5,-15
8168
6 Bit
.5-4
4.0
63
1.8:1
200
20
+5,-5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 8166

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8166 BELDEN-8166 Datasheet
207Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
logo
Keystone Electronics Co...
8166 KEYSTONE-8166 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Belden Inc.
8166.00152 BELDEN-8166.00152 Datasheet
207Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8166.0030 BELDEN-8166.0030 Datasheet
207Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8166.00305 BELDEN-8166.00305 Datasheet
207Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
More results

Similar Description - 8166

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6023 MICRONETICS-6023 Datasheet
43Kb / 1P
SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
6048 MICRONETICS-6048 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
6058 MICRONETICS-6058 Datasheet
41Kb / 1P
SINGLE POLE, FOUR THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTOR
8126 MICRONETICS-8126 Datasheet
39Kb / 1P
CONNECTORIZED ATTENUATOR
logo
M/A-COM Technology Solu...
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
Digital Attenuator
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
Digital Attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com