Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS58C1001 Datasheet(PDF) 8 Page - Austin Semiconductor

Part # AS58C1001
Description  128K x 8 EEPROM EEPROM Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001 Datasheet(HTML) 8 Page - Austin Semiconductor

Back Button AS58C1001 Datasheet HTML 4Page - Austin Semiconductor AS58C1001 Datasheet HTML 5Page - Austin Semiconductor AS58C1001 Datasheet HTML 6Page - Austin Semiconductor AS58C1001 Datasheet HTML 7Page - Austin Semiconductor AS58C1001 Datasheet HTML 8Page - Austin Semiconductor AS58C1001 Datasheet HTML 9Page - Austin Semiconductor AS58C1001 Datasheet HTML 10Page - Austin Semiconductor AS58C1001 Datasheet HTML 11Page - Austin Semiconductor AS58C1001 Datasheet HTML 12Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
AS58C1001
Rev. 5.5 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
Austin Semiconductor, Inc.
AC ELECTRICAL CHARACTERISTICS FOR BYTE ERASE AND BYTE
WRITE OPERATIONS
SYMBOL
MIN
MAX
UNITS
tAS
0
---
ns
tCS
7
0
---
ns
tCW
8
250
---
ns
tWP
7
250
---
ns
tAH
150
---
ns
tDS
100
---
ns
tDH
10
---
ns
tCH
7
0
---
ns
tOES
0
---
ns
tOEH
0
---
ns
tWC
10
---
ms
tBL
100
---
μ
s
tDB
120
---
ns
tRP
100
---
μ
s
tRES
10
1
---
μ
s
Address Hold Time
Data Setup Time
Vcc to RES\ Setup Time
Time to Device Busy
RES\ to Write Setup Time
PARAMETER
Address Setup Time
Chip Enable to Write Setup Time
Byte Load Window
Data Hold Time
Chip Enable Hold Time
Out Enable to Write Setup Time
Write Pulse Width
Output Enable Hold Time
Write Cycle Time
AC TEST CONDITIONS
Input Pulse Levels............................................0V to 3V
Input Rise and Fall Times....................................<20ns
Input Timing Reference Level................................1.5V
Output Reference Level..........................................1.5V
Output Load................................................See Figure 1
Q
100pF
1 TTL GATE EQ.
Figure 1
OUTPUT LOAD EQUIVALENT
NOTES:
1. Relative to Vss
2. V
IN
min = -3.0V for pulse widths <50ns
3. V
IL
min = -1.0V for pulse widths <50ns
4. I
IL
on RES\ = 100ua MAX
5. t
OF
is defined as the time at which E the output becomes and
open circuit and data is no longer driven.
6. Use this device in longer cycle than this value
7. WE\ controlled operation
8. CE\ controlled operation
9. RES\ pin V
IH
is V
H
10. Reference only, not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com