Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS58C1001 Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS58C1001
Description  128K x 8 EEPROM EEPROM Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001 Datasheet(HTML) 4 Page - Austin Semiconductor

  AS58C1001 Datasheet HTML 1Page - Austin Semiconductor AS58C1001 Datasheet HTML 2Page - Austin Semiconductor AS58C1001 Datasheet HTML 3Page - Austin Semiconductor AS58C1001 Datasheet HTML 4Page - Austin Semiconductor AS58C1001 Datasheet HTML 5Page - Austin Semiconductor AS58C1001 Datasheet HTML 6Page - Austin Semiconductor AS58C1001 Datasheet HTML 7Page - Austin Semiconductor AS58C1001 Datasheet HTML 8Page - Austin Semiconductor AS58C1001 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
AS58C1001
Rev. 5.5 12/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
(EXAMPLE)
Vcc
RES\
*unprogrammable
*unprogrammable
FUNCTIONAL DESCRIPTION (continued)
DATA PROTECTION (continued)
2. Data protection at Vcc on/off.
When RES\ is low, the EEPROM cannot be erased and
programmed. Therefore, data can be protected by keeping
RES\ low when Vcc is switched. RES\ should be high during
programming because it does not provide a latch function.
When Vcc is turned on or off, noise on the control pins
generated by external circuits (CPU, etc.) may turn the
EEPROM to programming mode by mistake. To prevent
this unintentional programming, the EEPROM must be kept
in an unprogrammable, standby or readout state by using a
CPU reset signal to RES\ pin.
In addition, when RES\ is kept high at Vcc on/off timing,
the input level of control pins (CE\, OE\, WE\) must be held
as CE\=Vcc or OE\=LOW or WE\=Vcc level.
3. Software Data Protection
To protect against unintentional programming caused by
noise generated by external circuits, AS58C1001 has a
Software data protection function. To initate Software data
protection mode, 3 bytes of data must be input, followed by
a dummy write cycle of any address and any data byte. This
exact sequence switches the device into protection mode.
The Software data protection mode can be cancelled by
inputting the following 6 Bytes. This changes the AS58C1001
to the Non-Protection mode, for normal operation.
Address
Data
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
20
Write Data
Write Address
(Normal Data Input)
5555
AA
2AAA
55
5555
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com