Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111RC008/XT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS111RC008/XT
Description  Voltage Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111RC008/XT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS111RC008/XT Datasheet HTML 3Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 4Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 5Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 6Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 7Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 8Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 9Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 10Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
7
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
Electrical Characteristics
DC PARAMETERS: (SEE NOTE 8)
(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +15V, Vcm = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Ios
Short Circuit
Current
Vout = 5V, t < 10mS, Vin- = 0.1V,
Vin+ = 0V
3, 5
200
mA
1
3, 5
150
mA
2
3, 5
250
mA
3
Vio(adj)+
Input Offset
Voltage
(Adjustment)
Vout = 0V, Vin = 0V, Rs = 50 Ohms
3
5
mV
1
Vio(adj)-
Input Offset
Voltage
(Adjustment)
Vout = 0V, Vin = 0V, Rs = 50 Ohms
3
-5
mV
1
Ave+
Voltage Gain
(Emitter)
Rl = 600 Ohms
3, 6
10
V/mV
4
3, 6
8
V/mV
5, 6
Ave-
Voltage Gain
(Emitter)
Rl = 600 Ohms
3, 6
10
V/mV
4
3, 6
8
V/mV
5, 6
AC PARAMETERS: (SEE NOTE 8)
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
+Vcc = +15V, Vcm = 0
trLHC
Response Time
(Collector
Output)
Vod(Overdrive) = -5mV, Cl = 50pF,
Vin = -100mV
4
300
nS
7, 8B
4
640
nS
8A
trHLC
Response Time
(Collector
Output)
Vod(Overdrive) = 5mV, Cl = 50pF,
Vin = 100mV
4
300
nS
7, 8B
4
500
nS
8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com