Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111RC008/XT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS111RC008/XT
Description  Voltage Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111RC008/XT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS111RC008/XT Datasheet HTML 1Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 2Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 3Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 4Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 5Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 6Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 7Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 8Page - Austin Semiconductor AS111RC008/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
4
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
ABSOLUTE MAXIMUM RATINGS*,5
Operating Temperature Range ....................... -55C < Ta < +125C
Maximum Junction Temperature ......................................... +175C
Storage Temperature Range ........................... -65C < Ta < +150C
Lead Temperature (soldering for 60 sec) ............................ 300C
Total Supply Voltage (V
84
).............................................................36V
Output to Negative Supply Voltage (V
74
)....................................50V
Ground to Negative Supply Voltage (V
14
)...................................30V
Differential Input Voltage.............................................................±30V
Input Voltage
4................................................................................±15V
Output Short Circuit Duration..................................................10 sec
Lead Temperature (Soldering, 10 sec).......................................260°C
Voltage at Stobe Pin..............................................................V
+ -5V
Maximum Strobe Current ..................................................... 10mA
Sink Current ...........................................................................50mA
Package Weight:
10 Lead Cerpack Flatpak ................................... 240mg
10 Lead Cerpack Gullwing ................................ 220mg
8 Lead Metal Can ............................................... 950mg
8 Lead Cerdip ..................................................... 1100mg
Note 4: This rating applies for ±15 supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage
limit is equal to the negative supply voltage or 30V below the positive supply, whichever is less.
Note 5: The maximum junction temperature of the AS111 is 175°C. For operating at elevated temperatures, devices in the TO08 package
must be derated based on a thermal resistance of 160°C/W, junction to ambient, or 50°C/W, junction to case. The thermal resistance of the
C008 dual-in-line package is 130°C/W, junction to ambient, and 20°C/W Junction to Case.
The thermal resistance of the CP10 Cerpack
Flatpak & the GW10 Cerpack Gullwing are 230°C/W for juntion to ambient and 25°C/W Junction to Case.
These figures are based on Still Air
& 1/2 Watt power dissipation.
SUBGROUP
Description
TEMP(OC)
1
Static DC tests
+25
2
Static DC tests
+125
3
Static DC tests
-55
4
Dynamic Tests
+25
5
Dynamic Tests
+125
6
Dynamic Tests
-55
7
Functional Tests
+25
8
Functional Tests
+125
9
Functional Tests
-55
(The following Table applies to the Subgroup column in the Electrical Characteristics Tables)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com