Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS161 Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS161
Description  High Speed Differential Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS161 Datasheet(HTML) 2 Page - Austin Semiconductor

  AS161 Datasheet HTML 1Page - Austin Semiconductor AS161 Datasheet HTML 2Page - Austin Semiconductor AS161 Datasheet HTML 3Page - Austin Semiconductor AS161 Datasheet HTML 4Page - Austin Semiconductor AS161 Datasheet HTML 5Page - Austin Semiconductor AS161 Datasheet HTML 6Page - Austin Semiconductor AS161 Datasheet HTML 7Page - Austin Semiconductor AS161 Datasheet HTML 8Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
V
V
V
V
VOL
OL
OL
OL
OLT
TT
T
TA
A
A
A
AGE
GE
GE
GE
GE
COMP
COMP
COMP
COMP
COMPARA
ARA
ARA
ARA
ARAT
TT
T
TOR
OR
OR
OR
OR
AS161
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
2
AS161
Rev. 0.3 6/05
Austin Semiconductor, Inc.
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage, V+ ..............................................................5V to 15V
Supply Voltage, V-............................................................-6V to -15V
Supply Voltage, V
CC
........................................................4.5V to 5.5V
Output Voltage..............................................................................+7.0V
Differential Input Voltage...............................................................±5V
Input Common Mode Voltage........................................................±6V
Operating Temperature Range, ..................................-55°C to 125°C
Storage Temperature Range........................................-65°C to 150°C
Lead Temperature (Soldering, 10 Sec.).....................................260°C
ELECTRICAL CHARACTERISTICS
(V+ = +10V; V
CC = +5V, V- = -10V, TMIN < TA < TMAX, Unless otherwise specified)
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
13
mV
Input Bias Current
TA = 25°C
520
µA
Input Offset Current
TA = 25°C
23
µA
Voltage Gain
TA = 25°C
3
V/mV
Input Resistance
TA = 25°C, f = 1kHz
20
k
Ω
Logical "1" Output Voltage
VCC = 4.75V, ISOURCE = -0.5mA
2.4
3.3
V
Logical "0" Output Voltage
VCC = 4.75V, ISINK = 6.4mA
0.4
V
Strobe Input "1" Current (Output Enabled)
VCC = 5.25V, ISTROBE = 2.4mA
200
µA
Strobe Input "0" Current (Output Disabled)
VCC = 5.25V, ISTROBE = 0.4mA
-1.6
mA
Strobe Input "0" Voltage
VCC = 4.75V
0.8
V
Strobe Input "1" Voltage
VCC = 4.75V
2V
Output Short Circuit Current
VCC = 5.25V, VOUT = 0V
-18
-55
mA
Supply Current I
+
V+ = 10V, V- = -10V,
VCC = 5.25V,
-55°C<TA<125°C
4.5
mA
Supply Current I
-
V+ = 10V, V- = -10V,
VCC = 5.25V,
-55°C<TA<125°C
10
mA
Supply Current ICC
V+ = 10V, V- = -10V,
VCC = 5.25V,
-55°C<TA<125°C
18
mA
TRANSIENT RESPONSE
VIN = 50mV overdrive
1
Propagation Delay Time (tpd(0))TA = 25°C
14
20
ns
Propagation Delay Time (tpd(1))TA = 25°C
14
20
ns
Delay Between Output A and B
TA = 25°C
25
ns
Strobe Delay Time (tpd(0))TA = 25°C
8ns
Strobe Delay Time (tpd(1))TA = 25°C
8ns
NOTES: 1. Measurements using AC test circuit, Fanout = 1. The devices are faster at low supply voltages.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com