Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS161 Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS161
Description  High Speed Differential Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS161 Datasheet(HTML) 4 Page - Austin Semiconductor

  AS161 Datasheet HTML 1Page - Austin Semiconductor AS161 Datasheet HTML 2Page - Austin Semiconductor AS161 Datasheet HTML 3Page - Austin Semiconductor AS161 Datasheet HTML 4Page - Austin Semiconductor AS161 Datasheet HTML 5Page - Austin Semiconductor AS161 Datasheet HTML 6Page - Austin Semiconductor AS161 Datasheet HTML 7Page - Austin Semiconductor AS161 Datasheet HTML 8Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
V
V
V
V
VOL
OL
OL
OL
OLT
TT
T
TA
A
A
A
AGE
GE
GE
GE
GE
COMP
COMP
COMP
COMP
COMPARA
ARA
ARA
ARA
ARAT
TT
T
TOR
OR
OR
OR
OR
AS161
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
4
AS161
Rev. 0.3 6/05
Austin Semiconductor, Inc.
AC TEST CIRCUIT
V
IN
=±50mV
FANOUT = 1
FANOUT = 4
V+ = +10V
R = 2.4k
R = 680
Ω
V- = -10V
C = 15pF
C = 30pF
V
CC
= 5.25V
R10, R16: 85
R11, R17: 205
SCHEMATIC DIAGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com