Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111TO99/XT Datasheet(PDF) 8 Page - Austin Semiconductor

Part # AS111TO99/XT
Description  Voltage Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111TO99/XT Datasheet(HTML) 8 Page - Austin Semiconductor

Back Button AS111TO99/XT Datasheet HTML 4Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 5Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 6Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 7Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 8Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 9Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 10Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 11Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 12Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
8
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
Electrical Characteristics
DC PARAMETERS: DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
+Vcc = +15V, Vcm = 0V.
"Delta calculations performed on /SPACE devices at group B, subgroup 5
only".
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vio
Input Offset
Voltage
Vin = 0V, Rs = 50 Ohms
-0.5
0.5
mV
1
+Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V,
Vcm = -14.5V, Rs = 50 Ohms
-0.5
0.5
mV
1
+Vcc = 2V, -Vcc = -28V, Vin = 0V,
Vcm = +13V, Rs = 50 Ohms
-0.5
0.5
mV
1
Iib+
Input Bias
Current
Vin = 0V, Rs = 50K Ohms
-12.5
12.5
nA
1
+Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V,
Vcm = -14.5V, Rs = 50K Ohms
-12.5
12.5
nA
1
+Vcc = 2V, -Vcc = -28V, Vin = 0V,
Vcm = +13V, Rs = 50K Ohms
-12.5
12.5
nA
1
Iib-
Input Bias
Current
Vin = 0V, Rs = 50K Ohms
-12.5
12.5
nA
1
+Vcc = 29.5V, -Vcc = -0.5V, Vin = 0V,
Vcm
= -14.5V, Rs = 50K Ohms
-12.5
12.5
nA
1
+Vcc = 2V, -Vcc = -28V, Vin = 0V,
Vcm
= +13V, Rs = 50K Ohms
-12.5
12.5
nA
1
Icex
Output Leakage
Current
+Vcc = 18V, -Vcc = -18V, Vout = 32V
-5
5
nA
1
Note 1:
Istb = -2mA at -55 C.
Note 2:
Calculated parameter.
Note 3:
Use DC tape for Ios and Vio(adj), Ave+ and Ave- as indicated in TAPE NAME section of
this JRETS.
Note 4:
Uses AC tape and hardware.
Note 5:
Actual min. limit used is 5mA due to test setup.
Note 6:
Datalog reading in K = V/mV.
Note 7:
Vid is voltage difference between inputs.
Note 8:
Pre and post irradiation limits are identical to those listed under AC and DC
electrical characteristics except as listed in the Post Radiation Limits Table. These
parts may be dose rate sensitive in a space environment and demonstrate enhanced low
dose rate effect. Radiaton end point limits for the noted parameters are guaranteed
only for the conditions as specified in MIL-STD-883, Method 1019.5, Condition A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com