Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS111TO99/XT Datasheet(PDF) 9 Page - Austin Semiconductor

Part # AS111TO99/XT
Description  Voltage Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS111TO99/XT Datasheet(HTML) 9 Page - Austin Semiconductor

Back Button AS111TO99/XT Datasheet HTML 5Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 6Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 7Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 8Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 9Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 10Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 11Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 12Page - Austin Semiconductor AS111TO99/XT Datasheet HTML 13Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
V
V
V
V
Volta
olta
olta
olta
oltagggggeeeee
Comparator
Comparator
Comparator
Comparator
Comparator
AS111 RAD-TOL
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
9
AS111 RAD-TOL
Rev. 1.1 06/05
Austin Semiconductor, Inc.
PRELIMINARY SPECIFICATION
Schematic Diagram20
CIRCUIT TECHNIQUES FOR AVOIDING
OSCILLATIONS IN COMPARATOR
APPLICATIONS
When a high-speed comparator such as the AS111 is used
with fast input signals and low source impedances, the output
response will normally be fast and stable, assuming that the
power supplies have been bypassed (with 0.1 µF disc capaci-
tors), and that the output signal is routed well away from the
inputs (pins 2 and 3) and also away from pins 5 and 6.
However, when the input signal is a voltage ramp or a slow
sine wave, or if the signal source impedance is high (1 kW to
100 kW), the comparator may burst into oscillation near the
crossing-point. This is due to the high gain and wide
bandwidth of comparators like the AS111. To avoid oscillation
or instability in such a usage, several precautions are recom-
mended, as shown in Figure 1 below.
1. The trim pins (pins 5 and 6) act as unwanted auxiliary
inputs. If these pins are not connected to a trim-pot, they
should be shorted together. If they are connected to a trim-
pot, a 0.01 µF capacitor C1 between pins 5 and 6 will
minimize the susceptibility to AC coupling. A smaller
capacitor is used if pin 5 is used for positive feedback as in
Figure 1.
2. Certain sources will produce a cleaner comparator
out put waveform if a 100 pF to 1000 pF capacitor C2 is
connected directly across the input pins.
3. When the signal source is applied through a resistive
network, R
S
, it is usually advantageous to choose an R
S
’ of
substantially the same value, both for DC and for dynamic
(AC) considerations. Carbon, tin-oxide, and metal-film
resistors have all been used successfully in comparator
input circuitry. Inductive wirewound resistors are not
suitable.
(continued)
NOTE 20: Pin connections shown on schematic diagram are for the TO08 can package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com