Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29372F/883 Datasheet(PDF) 8 Page - Austin Semiconductor

Part # AS29372F/883
Description  LOW-DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29372F/883 Datasheet(HTML) 8 Page - Austin Semiconductor

Back Button AS29372F/883 Datasheet HTML 2Page - Austin Semiconductor AS29372F/883 Datasheet HTML 3Page - Austin Semiconductor AS29372F/883 Datasheet HTML 4Page - Austin Semiconductor AS29372F/883 Datasheet HTML 5Page - Austin Semiconductor AS29372F/883 Datasheet HTML 6Page - Austin Semiconductor AS29372F/883 Datasheet HTML 7Page - Austin Semiconductor AS29372F/883 Datasheet HTML 8Page - Austin Semiconductor AS29372F/883 Datasheet HTML 9Page - Austin Semiconductor AS29372F/883 Datasheet HTML 10Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
V
V
V
V
Volta
olta
olta
olta
oltaggggge R
e R
e R
e R
e Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS29372
AS29372
Rev. 2.6 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
Austin Semiconductor, Inc.
TYPICAL APPLICATIONS
Figure 1. AS29372 Adjustable Regulator
Figure 2. AS29372 Wide Input Voltage
Range Current Limiter
*Minimum INPUT-OUTPUT voltage ranges from 40mV to 400mV, depending
on load current.
Figure 3. AS29372 5.0V or 3.3V Selectable
Regulator with Shutdown
*SHUTDOWN PIN LOW = ENABLE OUTPUT. Q1 ON = 3.3V, Q1 OFF = 5.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com