Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29372F/883 Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS29372F/883
Description  LOW-DROPOUT VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29372F/883 Datasheet(HTML) 3 Page - Austin Semiconductor

  AS29372F/883 Datasheet HTML 1Page - Austin Semiconductor AS29372F/883 Datasheet HTML 2Page - Austin Semiconductor AS29372F/883 Datasheet HTML 3Page - Austin Semiconductor AS29372F/883 Datasheet HTML 4Page - Austin Semiconductor AS29372F/883 Datasheet HTML 5Page - Austin Semiconductor AS29372F/883 Datasheet HTML 6Page - Austin Semiconductor AS29372F/883 Datasheet HTML 7Page - Austin Semiconductor AS29372F/883 Datasheet HTML 8Page - Austin Semiconductor AS29372F/883 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
V
V
V
V
Volta
olta
olta
olta
oltaggggge R
e R
e R
e R
e Reeeeegula
gula
gula
gula
gulator
tor
tor
tor
tor
AS29372
AS29372
Rev. 2.6 06/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS (Cont.)
Shutdown Input
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low (ON)
0.7
High (OFF)
2.0
VSHUTDOWN = 2.4V
30
50
100
VSHUTDOWN = 26V
450
600
750
Regulator Output
Current in
Shutdown
(note 8)
3
10
20
µA
Input Logic Voltage
V
Shutdown Pin
Input Current
µA
NOTES:
1. Unless otherwise specified, V
IN
= V
OUT
= 1V, I
L
= 5mA, C
L
= 10µF, T
J
= T
A
. Device shall be biased in accordance with
Figure 1 with V
SHUTDOWN
< 0.6V, V
IN
= 6V, R
L
= 300 kilohms ±1%.
2. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
3. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in output voltage
due to heating effects are covered by the thermal regulation specification.
4. This parameter is tested up to 600mA; however, limits are guaranteed but not tested to 750mA.
5. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 100mV below its
nominal value measured at 1V differential. At very low values of programmed output voltage, the minium input supply
voltage of 2V (2.3V over temperature) must be taken into account.
6. Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load
current plus the ground pin current.
7. V
REF
< V
OUT
< (V
IN
- 1V), 4.3V < V
IN
< 26V, 5mA < I
L
< 600mA, T
J
< T
JMAX
.
8. See Figure 1 with R
L
> 150 kilohms, V
SHUTDOWN
> 2V, V
IN
< 26V, V
OUT
= 0.
9. Thermal regulation is defined as the change in output voltage at a time (t) after a change in power dissipation is applied,
excluding line and load regulation effects. Specification is for a 200mA load pulse at V
IN
= 20V (at 4W pulse) for
t = 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com