Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8564EC Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # 8564EC
Description  Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8564EC Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button 8564EC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 10Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 11Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Options, continued
Amplitude specifications
Output level
–10 dBm to +1 dBm
10 dBm to +2.8 dBm (typical)
Resolution
0.1 dB
Accuracy
Vernier
±0.20 dB, ±0.5 dBm max (25 °C ±10 °C)
Absolute
±0.75 dB
Level flatness
±2.0 dB
Effective source match
1.92:1 (nominal)
Total absolute accuracy
±3.25 dB
Spurious output (at +1 dBm output power)
Harmonic spurious
–25 dBc
Non-harmonic spurious
300 kHz to 2.0 GHz
–27 dBc
2.0 GHz to 2.9 GHz
–23 dBc
LO feedthrough
–16 dBm (3.9 GHz to 6.8 GHz)
Residuals (RF-power-off)
–78 dBm (300 kHz to 2.9 GHz
Dynamic range
TG feedthrough 1
300 kHz to 1 MHz
–95 dBm
1 MHz to 2.7 GHz
–115 dBm
2.7 GHz to 2.9 GHz
–110 dBm
Dynamic range 2
300 kHz to 1 MHz
96 dB
1 MHz to 2.7 GHz
116 dB
2.7 GHz to 2.9 GHz
111 dB
Power sweep
10 dB range, 0.1 dB resolution
Inputs/outputs
RF output (front panel)
Type-N female, 50 Ω (nominal)
Maximum safe reverse level
+ 30 dBm, ±30 Vdc
External ALC input (rear panel)
BNC female use with negative detector
10
1. Leakage measured with maximum power into 50 Ω, with 50 Ω loads on the
TG output and RF input.
2. Difference between maximum power output and tracking generator feedthrough.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com