Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8564EC Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # 8564EC
Description  Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8564EC Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button 8564EC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 9Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 10Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 11Page - Agilent(Hewlett-Packard) 8564EC Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Environmental Specifications, Agilent 8560 EC Series
Per MIL- PRF-28800F, Class 3
Calibration interval
Agilent 8560EC, 8561EC, 8562EC, 8563EC:
2 years
Agilent 8564EC, 8565EC:
1 year
Warm-up time
5 minutes in ambient conditions
Temperature
0 °C to +55 °C (operating); –40 °C to +75 °C (not operating)
Humidity
95% @ 40 °C for 5 days
Rain resistance
Drip-proof at 16 liters/hour/sq. ft.
Altitude
15,000 ft. (operating), 50,000 ft. (non-operating)
Pulse shock (half sine)
30 g for 11 ms duration
Transit drop
8-inch drop on six faces and eight corners
Electromagnetic compatibility:
Conducted and radiated interference in compliance with CISPR Pub. 11
(1990). Meets Mil-STD-461C, part 2, with certain exceptions.
Power requirements:
115 VAC operation: 90 to 140 V rms, 3.2 A rms max, 47 to 440 Hz
230 VAC operation: 180 to 250 V rms, 1.8 A rms max, 47 to 66 Hz
Maximum power dissipation
Agilent 8560EC, 8561EC, 8562EC, 8563EC
180 W
Agilent 8564EC, 8565EC:
260 W
Audible noise (nominal):
< 5.0 Bels power at room temp (ISO DP7779)
Dimensions (w/o handle, cover):
337 mm W x 187 mm H x 461 mm D
Weight (nominal)
Agilent 8560EC, 8561EC, 8562EC, 8563EC:
16.5 kg (36 lbs)
Agilent 8564EC, 8565EC:
17.3 kg (38 lbs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com