Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8564EC-103 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # 8564EC-103
Description  Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8564EC-103 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button 8564EC-103 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Amplitude Specifications, continued
Spurious responses
General spurious responses
(Mixer level –40 dBm)
< (–75 + 20 x logN)1 dBc
Second harmonic distortion
Input signal
Mixer level
Distortion
SHI
20 MHz to 1.45 GHz
–40 dBm
≤ –79 dBc 2
+39 dBm 2
1.45 GHz to 2 GHz
–10 dBm 3
≤ –85 dBc 3
+75 dBm 3
2 GHz to 13.25 GHz
8562E, 8563E
–10 dBm
≤ –100 dBc
+90 dBm
8564E, 8565E
–10 dBm
≤ –90 dBc
+80 dBm
13.25 GHz to 25 GHz
–10 dBm
≤ –90 dBc
+80 dBm
Third order intermodulation distortion
(Two –30 dBm signals, ≥ 1 kHz apart)
Mixer level
Distortion
TOI
20 MHz to 2.9 GHz
–30 dBm each
≤ –82 dBc 4
+11 dBm
2.9 GHz to 6.46 GHz
–30 dBm each
≤ –90 dBc
+15 dBm
6.46 GHz to 26.8 GHz
–30 dBm each
≤ –75 dBc
+7.5 dBm
26.8 GHz to 50 GHz
–30 dBm each
≤ –85 dBc (nominal)
+12.5 dBm (nominal)
Image responses
Mixer level
10 MHz to 26.8 GHz
–10 dBm
–80 dBc
26.8 GHz to 50 GHz
–30 dBm
–60 dBc
Multiple and out-of-band responses
Mixer level
10 MHz to 26.8 GHz
–10 dBm
–80 dBc
26.8 GHz to 50 GHz
–30 dBm
–55 dBc
Residual responses
≤ –90 dBm, for the range from 200 kHz to 6.46 GHz, no input signal, 0 dB input attenuation
Display range
Viewing area
Color display, approximately 9.6 cm (v) x 13 cm (h)
Scale calibration
10 x 10 divisions
Log scale
10, 5, 2, 1 dB per division
Linear scale
10% of reference level per division
Scale fidelity
Incremental
Maximum
Log range
0 to –90 dB
0 to –90 dB
RBW ≥ 300 Hz
±0.1 dB/dB
±0.85 dB
RBW ≤ 100 Hz
±0.2 dB/2 dB
±0.85 dB5
Linear range
±3% of reference level
Reference level range
Log, adjustable in 0.1 dB steps
30 Hz to 31.15 GHz
–120 to +30 dBm
31.15 GHz to 50 GHz
–115 to +30 dBm
Linear, adjustable in 1% steps
30 Hz to 31.15 GHz
2.2 mV to 7.07 V
31.15 GHz to 50 GHz
3.98 mV to 7.07 V
6
1. Excluding display-related sidebands at multiples of 60 Hz
2. Agilent 8561EC: distortion –72 dBc, SHI +32dBm
3. Agilent 8561EC: mixer level –20 dBm, distortion –72 dBc, SHI +52 dBm
4. Agilent 8561EC –78 dB distortion with two –30 dBm signals, 9 dBm TOI
5. Maximum for 0 to –100 dB is ±1.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com