Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8564EC-103 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 8564EC-103
Description  Spectrum Analyzers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8564EC-103 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  8564EC-103 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 8564EC-103 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Frequency Specifications, continued
Sweep time
Range
Span = 0 Hz
50 µs to 6000 s
Span ±100 Hz
RBW ≥ 300 Hz
50 ms to 2000 s
RBW ≤ 100 Hz
50 ms to 100 ks
Accuracy (Span = 0 Hz)
Sweep time ≥ 30 ms
±1% (digitized trace data)
Sweep time < 30 ms
±0.1% (digitized trace data)
Sweep trigger
Delayed, free run, single, line, video, external
Resolution bandwidth
Range (–3 dB)
1 Hz to 1 MHz in a 1, 3, 10 sequence and 2 MHz (3 MHz at –6 dB)
Option 856xEC-1031
10 Hz to 1 MHz in a 1, 3, 10 sequence and 2 MHz (3 MHz at –6 dB)
Accuracy
1 Hz to 300 kHz ±10%
1 MHz
±25%
2 MHz
+50%, –25%
Selectivity (–60 dB/–3 dB BW ratio)
RBW ≥ 300 Hz
< 15:1
RBW ≤ 100 Hz
< 5:1
Video bandwidth range
1 Hz to 3 MHz in a 1, 3, 10 sequence
Noise sidebands (see Figure 1)
Center frequency ≤ 1 GHz
Offset
Option 856xEC-1031
100 Hz
≤ –88 dBc/Hz 2
≤ –70 dBc/Hz 2
1 kHz
≤ –97 dBc/Hz 2
≤ –90 dBc/Hz 2
10 kHz 6
≤ –113 dBc/Hz 3
≤ –113 dBc/Hz 3
30 kHz 6, 8
≤ –113 dBc/Hz 4
≤ –113 dBc/Hz 4
100 kHz 7
≤ –117 dBc/Hz 5
≤ –117 dBc/Hz 5
Residual FM
(zero span, 10 Hz RBW)
< 1 Hz pk-pk x N 9 in 20 ms
< 0.25 Hz pk-pk x N 9 in 20 ms (typical)
Option 856xEC-103
< 10 Hz pk-pk x N 9 in 20 ms
3
1. Option 856xEC-103 is no longer offered.
2. Add 5.2 x ((f/1 GHz)–1) for f > 1 GHz and f ≤ 2.9 GHz
3. Add 2.5 x ((f/1 GHz)–1) for f > 1 GHz and f ≤ 2.9 GHz
4. Add 3.0 dB x ((f/1 GHz)–1) for f > 1 GHz and f ≤ 2.9 GHz
5. Add 2 dB for f > 1 GHz and f ≤ 2.9 GHz
6. RBW ≤ 1 kHz or span ≤ 745 kHz
7. RBW ≥ 3 kHz or span > 745 kHz
8. Not specified at 30 kHz offset for Agilent 8564EC and Agilent 8565EC
9. N = harmonic mixing mode number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com