Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5293 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5293
Description  Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5293 Datasheet HTML 9Page - Analog Devices AD5293 Datasheet HTML 10Page - Analog Devices AD5293 Datasheet HTML 11Page - Analog Devices AD5293 Datasheet HTML 12Page - Analog Devices AD5293 Datasheet HTML 13Page - Analog Devices AD5293 Datasheet HTML 14Page - Analog Devices AD5293 Datasheet HTML 15Page - Analog Devices AD5293 Datasheet HTML 16Page - Analog Devices AD5293 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD5293
Rev. 0 | Page 13 of 20
TEST CIRCUITS
Figure 26 to Figure 31 define the test conditions used in the Specifications section.
A
W
B
NC
IW
DUT
VMS
NC = NO CONNECT
Figure 26. Resistor Position Nonlinearity Error
(Rheostat Operation: R-INL, R-DNL)
A
W
B
DUT
VMS
V+
V+ = VDD
1LSB = V+/2N
Figure 27. Potentiometer Divider Nonlinearity Error (INL, DNL)
+
–
DUT
CODE = 0x00
0.1V
VSS TO VDD
RWB =
0.1V
IWB
RW =
RWB
2
IWB
W
B
A = NC
Figure 28. Wiper Resistance
A
W
B
VMS
~
VA
VDD
V+
V+ = VDD ± 10%
ΔVMS%
ΔVDD%
PSS (%/%) =
PSRR (dB) = 20 log
ΔVMS
ΔVDD
Figure 29. Power Supply Sensitivity (PSS, PSRR)
OFFSET
GND
A
B
DUT
W
+15V
VIN
VOUT
OP42
–15V
2.5V
Figure 30. Gain vs. Frequency
VSS
ICM
W
B
VDD
DUT
GND
A
NC = NO CONNECT
NC
–15V
GND
+15V
NC
+15V
+15V
–15V
–15V
GND
GND
GND
Figure 31. Common-Mode Leakage Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com