Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7191 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7191
Description  Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7191 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7191 Datasheet HTML 9Page - Analog Devices AD7191 Datasheet HTML 10Page - Analog Devices AD7191 Datasheet HTML 11Page - Analog Devices AD7191 Datasheet HTML 12Page - Analog Devices AD7191 Datasheet HTML 13Page - Analog Devices AD7191 Datasheet HTML 14Page - Analog Devices AD7191 Datasheet HTML 15Page - Analog Devices AD7191 Datasheet HTML 16Page - Analog Devices AD7191 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD7191
Rev. A | Page 13 of 20
RMS NOISE AND RESOLUTION SPECIFICATIONS
Table 5 shows the rms noise of the AD7191 for the four output
data rates and four gains. The numbers given are for an
external 5 V reference. These numbers are typical and are
generated with a differential input voltage of 0 V. Table 6
shows the effective resolution; the output peak-to-peak (p-p)
resolution is listed in brackets. It is important to note that the
effective resolution is calculated using the rms noise, whereas
the p-p resolution is calculated based on peak-to-peak noise.
The p-p resolution represents the resolution for which there is
no code flicker. These numbers are typical and are rounded to
the nearest half-LSB.
The effective resolution (ENOB) is defined as
ENOB = log2 (Full-Scale Range/rms Noise)
The noise-free bits or p-p resolution is defined as
p-p Resolution = log2 (Full-Scale Range/p-p Noise)
where Full-Scale Range = 2 × VREF/Gain.
Table 5. RMS Noise (nV) vs. Gain and Output Data Rate Using a 5 V Reference
ODR2, ODR1
Output Data Rate (Hz)
Settling Time (ms)
Gain of 1
Gain of 8
Gain of 64
Gain of 128
11
10
400
490
85
17
15
10
50
80
2000
260
46
34
01
60
66.7
2100
273
48
38
00
120
33.3
2400
315
64
51
Table 6. Typical Resolution (Bits) vs. Gain and Output Update Rate Using a 5 V Reference
ODR2, ODR1
Output Data Rate (Hz)
Settling Time (ms)
Gain of 1
Gain of 8
Gain of 64
Gain of 128
11
10
400
24 (21.5)
23.5 (21)
23 (20.5)
22 (19.5)
10
50
80
22 (19.5)
22 (19.5)
21.5 (19)
20.5 (18)
01
60
66.7
22 (19.5)
22 (19.5)
21.5 (19)
20.5 (18)
00
120
33.3
22 (19.5)
21.5 (19)
21 (18.5)
20 (17.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com