Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8235 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8235
Description  40 關A Micropower Instrumentation Amplifier in WLCSP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8235 Datasheet(HTML) 1 Page - Analog Devices

  AD8235 Datasheet HTML 1Page - Analog Devices AD8235 Datasheet HTML 2Page - Analog Devices AD8235 Datasheet HTML 3Page - Analog Devices AD8235 Datasheet HTML 4Page - Analog Devices AD8235 Datasheet HTML 5Page - Analog Devices AD8235 Datasheet HTML 6Page - Analog Devices AD8235 Datasheet HTML 7Page - Analog Devices AD8235 Datasheet HTML 8Page - Analog Devices AD8235 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
40 μA Micropower Instrumentation
Amplifier in WLCSP Package
AD8235
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
Inc. All rights reserved.
©2009 Analog Devices,
FEATURES
Low power
40 μA maximum supply current
6 nA shutdown current
Low input currents
50 pA input bias current
25 pA input offset current
High Common Mode Rejection Ratio (CMRR)
110 dB CMRR , G = 100
Space saving
WLCSP package
Zero input crossover distortion
Versatile
Rail-to-rail input and output
Shutdown
Gain set with single resistor (G = 5 to 200)
AD8236: μSOIC package version of AD8235
APPLICATIONS
Medical instrumentation
Low-side current sense
Portable electronics
GENERAL DESCRIPTION
The AD8235 is the smallest and lowest power instrumentation
amplifier in the industry. It is available in a 1.5 mm × 2.2 mm
wafer level chip scale package (WLCSP). The AD8235 draws
a maximum quiescent current of 40 μA. In addition, it draws a
maximum 500 nA of current during shutdown mode, making
it an excellent instrumentation amplifier for battery powered,
portable applications.
The AD8235 can operate on supply voltages as low as 1.8 V. The
input stage allows for wide rail-to-rail input voltage range without
the crossover distortion, common in other designs. The rail-to-
rail output enables easy interfacing to ADCs.
The AD8235 is an excellent choice for signal conditioning. Its
low input bias current of 50 pA and high CMRR of 110 dB
(G = 100) offer tremendous value for its size and low power.
It is specified over the extended industrial temperature range of
−40°C to 125°C.
CONNECTION DIAGRAM
RG
RG
REF
–IN
+IN
VOUT
210kΩ
210kΩ
52.5kΩ
52.5kΩ
AD8235
C3
+VS
RG
–VS
B3
A1
D1
ESD
PROTECTION
ESD
PROTECTION
A3
D3
B1
SDN
A2
C1
NC B2
NC D2
ESD
PROTECTION
ESD
PROTECTION
ESD
PROTECTION
OP AMP
A
OP AMP
B
ESD
PROTECTION
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
Figure 1.
PIN CONFIGURATION
BALL A1
INDICATOR
+VS
–VS
VOUT
SDN
–IN
RG
REF
NC
RG
NC
NC = NO CONNECT
+IN
1
A
B
C
D
23
Figure 2. 11-Ball WLCSP (CB-11-1)
1.0
2.0
4.0
3.0
0.5
1.5
3.5
2.5
0
OUTPUT VOLTAGE (V)
5.0
4.5
5.5
5.0
0.5
–0.5
1.5 2.0
3.0
4.0
4.5
0
1.0
2.5
3.5
G = 5
VS = 5V
VREF = 2.5V
G = 5
VS = 1.8V
VREF = 0.9V
Figure 3. Wide Common-Mode Voltage Range vs. Output Voltage


Similar Part No. - AD8235

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8235 AD-AD8235 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8235 AD-AD8235 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8235 AD-AD8235 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
AD8235 AD-AD8235 Datasheet
361Kb / 20P
Low Noise, Low Gain Drift, G = 2000
REV. A
AD8235ACBZ-P7 AD-AD8235ACBZ-P7 Datasheet
591Kb / 21P
40 關A Micropower Instrumentation Amplifier in WLCSP Package
REV. A
More results

Similar Description - AD8235

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Analog Devices
AD8236 AD-AD8236 Datasheet
514Kb / 20P
40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
REV. 0
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Microchip Technology
MCP6N11-005E MICROCHIP-MCP6N11-005E Datasheet
5Mb / 50P
500 kHz, 800 關A Instrumentation Amplifier
08/02/11
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AD8235 AD-AD8235_16 Datasheet
591Kb / 21P
40 關A Micropower Instrumentation Amplifier in WLCSP Package
REV. A
AD8236 AD-AD8236_16 Datasheet
480Kb / 21P
40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com